| Electronic Components Datasheet Search |
|
LPC2210 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2210 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 39 page ![]() Philips Semiconductors LPC2210 16/32-bit ARM microcontrollers with external memory interface Preliminary data Rev. 01 — 09 February 2004 6 of 39 9397 750 12872 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. P0.11 83 I CTS1 — Clear to Send input for UART1. I CAP1.1 — Capture input for Timer1, channel 1. P0.12 84 I DSR1 — Data Set Ready input for UART1. O MAT1.0 — Match output for Timer1, channel 0. P0.13 85 O DTR1 — Data Terminal Ready output for UART1. O MAT1.1 — Match output for Timer1, channel 1. P0.14 92 I DCD1 — Data Carrier Detect input for UART1. I EINT1 — External interrupt 1 input. Note: LOW on this pin while RESET is LOW forces on-chip boot-loader to take over control of the part after reset. P0.15 99 I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. P0.16 100 I EINT0 — External interrupt 0 input. O MAT0.2 — Match output for Timer0, channel 2. I CAP0.2 — Capture input for Timer0, channel 2. P0.17 101 I CAP1.2 — Capture input for Timer1, channel 2. I/O SCK1 — Serial Clock for SPI1. SPI clock output from master or input to slave. O MAT1.2 — Match output for Timer1, channel 2. P0.18 121 I CAP1.3 — Capture input for Timer1, channel 3. I/O MISO1 — Master In Slave Out for SPI1. Data input to SPI master or data output from SPI slave. O MAT1.3 — Match output for Timer1, channel 3. P0.19 122 O MAT1.2 — Match output for Timer1, channel 2. I/O MOSI1 — Master Out Slave In for SPI1. Data output from SPI master or data input to SPI slave. I CAP1.2 — Capture input for Timer1, channel 2. P0.20 123 O MAT1.3 — Match output for Timer1, channel 3. I SSEL1 — Slave Select for SPI1. Selects the SPI interface as a slave. I EINT3 — External interrupt 3 input. P0.21 4 O PWM5 — Pulse Width Modulator output 5. I CAP1.3 — Capture input for TIMER1, channel 3. P0.22 5 I CAP0.0 — Capture input for Timer0, channel 0. O MAT0.0 — Match output for Timer0, channel 0. P0.23 6 I/O General purpose bidirectional digital port only. P0.24 8 I/O General purpose bidirectional digital port only. P0.25 21 I/O General purpose bidirectional digital port only. P0.27 23 I AIN0 — A/D converter, input 0. This analog input is always connected to its pin. I CAP0.1 — Capture input for Timer0, channel 1. O MAT0.1 — Match output for Timer0, channel 1. Table 3: Pin description…continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |