Electronic Components Datasheet Search
  English  ▼

X  

MAC12SM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC12SM
Description  Sensitive Gate Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12SM Datasheet(HTML) 4 Page - ON Semiconductor

  MAC12SM Datasheet HTML 1Page - ON Semiconductor MAC12SM Datasheet HTML 2Page - ON Semiconductor MAC12SM Datasheet HTML 3Page - ON Semiconductor MAC12SM Datasheet HTML 4Page - ON Semiconductor MAC12SM Datasheet HTML 5Page - ON Semiconductor MAC12SM Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC12SM, MAC12SN
http://onsemi.com
4
180
°
DC
Q2
Q1
30
°
TJ, JUNCTION TEMPERATURE (°C)
Figure 1. Typical Gate Trigger Current
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
- 40
- 10
20
50
80
110
100
1
0.85
0.40
Q3
Figure 2. Typical Gate Trigger Voltage
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Typical Latching Current
versus Junction Temperature
Figure 4. Typical Holding Current
versus Junction Temperature
- 25
5
35
65
95
10
100
1
10
100
0.1
10
- 40
- 10
20
50
80
110
- 25
5
35
65
95
- 40
- 10
20
50
80
110
- 25
5
35
65
95
0.50
0.60
0.70
0.75
0.80
- 40
- 10
20
50
80
110
- 25
5
35
65
95
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
110
90
80
70
8
6
4
2
0
Figure 6. On-State Power Dissipation
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
12
8
6
2
0
20
15
5
10
0
60
25
MT2 Positive
MT2 Negative
Q2
Q1
Q3
Q2
Q1
12
10
30
°, 60°
90
°
180
°
DC
120
°
0.90
10
4
0.1
0.45
0.55
0.65
Q3
0.1
1
100
90
°
60
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com