Electronic Components Datasheet Search
  English  ▼

X  

MIC2289 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2289
Description  2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2289 Datasheet HTML 1Page - Micrel Semiconductor MIC2289 Datasheet HTML 2Page - Micrel Semiconductor MIC2289 Datasheet HTML 3Page - Micrel Semiconductor MIC2289 Datasheet HTML 4Page - Micrel Semiconductor MIC2289 Datasheet HTML 5Page - Micrel Semiconductor MIC2289 Datasheet HTML 6Page - Micrel Semiconductor MIC2289 Datasheet HTML 7Page - Micrel Semiconductor MIC2289 Datasheet HTML 8Page - Micrel Semiconductor MIC2289 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC2289
White LED Driver Internal Schottky
Diode and OVP
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2007
M9999-071007
General Description
The MIC2289 is a PWM (pulse width modulated), boost-
switching regulator that is optimized for constant-current
white LED driver applications. The MIC2289 features an
internal Schottky diode and three levels of output
overvoltage protection providing a small size and efficient
DC/DC
solution
that
requires
only
four
external
components.
To optimize efficiency, the feedback voltage is set to only
95mV. This reduces power dissipation in the current set
resistor and allows the lowest total output voltage, hence
minimal current draw from the battery.
The MIC2289 implements a constant frequency 1.2MHz
PWM control scheme. The high frequency, PWM operation
saves board space by reducing external component sizes.
The added benefit of the constant frequency PWM scheme
in caparison to variable frequency is much lower noise and
input ripple injected to the input power source.
The MIC2289 clamps the output voltage in case of open
LED conditions, protecting itself and the output capacitor.
The MIC2289 is available with three output OVP options of
15V, 24V, and 34V. The different OVP options allows the
use of the smallest possible output capacitor with the
appropriate voltage rating for a given application.
The MIC2289 is available in low profile 6-pin Thin SOT-23
and 8-pin 2mm × 2mm MLF
® package options. The
MIC2289 has a junction temperature range of –40°C to
+125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• Internal Schottky diode
• 15V, 24V, 34V output OVP options
• 1.2 MHz PWM operation
• Over 500mA switch current
• 95mV feedback voltage
• <1% line and load regulation
• <1µA shutdown current
• Overtemperature protection
• UVLO
• 2mm × 2mm 8-pin MLF® package
• –40°C to +125°C junction temperature range
Applications
• White LED driver for backlighting:
– Cell phones
– PDAs
– GPS systems
– Digital cameras
– MP3 players
– IP phones
• LED flashlights
• Constant current power supplies
Typical Application
10µH
0.22µF/16V
95mV
1-Cell
Li Ion
1µF
MIC2289-15BML
VIN
EN
SW
FB
OUT
GND
3-Series White LED Driver
70
72
74
76
78
80
82
0
5
10
15
20
25
I
OUT (mA)
3-Series LED Efficiency
V
IN =3.6V


Similar Part No. - MIC2289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289-15BML MICREL-MIC2289-15BML Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289-15YML MICREL-MIC2289-15YML Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289-24BML MICREL-MIC2289-24BML Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289-24YD6 MICREL-MIC2289-24YD6 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
More results

Similar Description - MIC2289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com