Electronic Components Datasheet Search
  English  ▼

X  

1F6G Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 1F6G
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1F6G Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  1F6G Datasheet HTML 1Page - Diode Semiconductor Korea 1F6G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
0.6
TJ=25
Pulse Width=300µS
0.4
0.04
0.01
0.02
0.06
0.1
0.2
2
1.0
4
100
10
0.8
1.0 1.2
1.4
2.0
1.6 1.8
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0 2
14
10
12
16
10
410 20
40
100
trr
-0.25A
-1.0A
0
+0.5A
1cm
.2
0
0
50
.4
.6
.8
1.0
100
175
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
FIG.4--PEAK FORWARD SURGE CURRENT
FIG.5---TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.2 --TYPICAL FORWARD
FIG.3 --TYPICAL FORWARD
CHARACTERISTICS
CURRENT DERATING CURVE
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE, VOLTS
1F1G---1F7G
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
1 0
0
12
5
2 0
1 5
25
41 0
2 0
100
40
TJ=125
8.3ms Single Half
Sine-Wave
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com