Electronic Components Datasheet Search
  English  ▼

X  

MIC5235 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5235
Description  Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5235 Datasheet HTML 1Page - Micrel Semiconductor MIC5235 Datasheet HTML 2Page - Micrel Semiconductor MIC5235 Datasheet HTML 3Page - Micrel Semiconductor MIC5235 Datasheet HTML 4Page - Micrel Semiconductor MIC5235 Datasheet HTML 5Page - Micrel Semiconductor MIC5235 Datasheet HTML 6Page - Micrel Semiconductor MIC5235 Datasheet HTML 7Page - Micrel Semiconductor MIC5235 Datasheet HTML 8Page - Micrel Semiconductor MIC5235 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC5235
Micrel
MIC5235
2
August 2003
Pin Configuration
IN
OUT
NC or
ADJ.
EN
L2xx
1
3
45
2
GND
SOT-23-5
Pin Description
SOT-23-5
Pin Name
Pin Function
1
IN
Supply Input
2
GND
Ground
3
EN
Enable (Input): Logic low = shutdown; logic high = enable
4
NC (fixed)
No Connect
ADJ (ADJ.)
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.
5
OUT
Regulator Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com