Electronic Components Datasheet Search
  English  ▼

X  

TDA3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TDA3
Description  TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3 Datasheet(HTML) 2 Page - Texas Instruments

  TDA3 Datasheet HTML 1Page - Texas Instruments TDA3 Datasheet HTML 2Page - Texas Instruments TDA3 Datasheet HTML 3Page - Texas Instruments TDA3 Datasheet HTML 4Page - Texas Instruments TDA3 Datasheet HTML 5Page - Texas Instruments TDA3 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TDA3
SPRT704A – OCTOBER 2014 – REVISED OCTOBER 2014
www.ti.com
1.3
Description
TI’s TDA3x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to meet
the requirements of leading Advanced Driver Assistance Systems (ADAS). TDA3x SoC processors enable
broad ADAS applications by integrating an optimal mix of performance, low power, smaller form factor and
ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free driving
experience.
The TDA3x SoC enables sophisticated embedded vision technology in today’s automobile by enabling the
industry’s broadest range of ADAS applications including front camera, rear camera, surround view, radar,
and fusion on a single architecture.
The TDA3x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processors (DSP), Vision AccelerationPac with Embedded Vision
Engines (EVE), and dual ARM Cortex-M4 processors. The device allows low power profile in different
package options (including Package-On-Package) to enable small form factor designs. TDA3x SoC also
integrates a host of peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based
surround view systems, displays, CAN and GigB Ethernet AVB.
The EVE within the TDA3x Vision AccelerationPac offloads the vision analytics functionality from the
processor while also reducing the power footprint. The Vision AccelerationPac is optimized for vision
processing with a 32-bit RISC core for efficient program execution and a vector coprocessor for
specialized vision processing.
Additionally, Texas Instruments provides a complete set of development tools for the ARM, DSP, and EVE
coprocessor, including C compilers, a DSP assembly optimizer to simplify programming and scheduling,
and a debugging interface for visibility into source code execution.
The TDA3x SoC processor is qualified according to AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA3x (ABF package)
S-PBGA (367)
15.0 mm x 15.0 mm
TDA3x (ABE package)
S-PBGA (244)
12.0 mm x 12.0 mm
2
Device Overview
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TDA3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com