Electronic Components Datasheet Search
  English  ▼

X  

SML4731A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SML4731A
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SML4731A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SML4731A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SML4731A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS Rating at25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ (1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM(2)
(V)
(mA)
(Ω )(Ω )
(mA)
(μA)
(V)
(mA)
(mApk)
SML4728A
3.3
76.0
10
400
1.0
100
1.0
276
1380
SML4729A
3.6
69.0
10
400
1.0
100
1.0
252
1260
SML4730A
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
SML4731A
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
SML4732A
4.7
53.0
8.0
500
1.0
10
1.0
193
970
SML4733A
5.1
49.0
7.0
550
1.0
10
1.0
178
890
SML4734A
5.6
45.0
5.0
600
1.0
10
2.0
162
810
SML4735A
6.2
41.0
2.0
700
1.0
10
3.0
146
730
SML4736A
6.8
37.0
3.5
700
1.0
10
4.0
133
660
SML4737A
7.5
34.0
4.0
700
0.5
10
5.0
121
605
SML4738A
8.2
31.0
4.5
700
0.5
10
6.0
110
550
SML4739A
9.1
28.0
5.0
700
0.5
10
7.0
100
500
SML4740A
10
25.0
7.0
700
0.25
10
7.6
91
454
SML4741A
11
23.0
8.0
700
0.25
5.0
8.4
83
414
SML4742A
12
21.0
9.0
700
0.25
5.0
9.1
76
380
SML4743A
13
19.0
10
700
0.25
5.0
9.9
69
344
SML4744A
15
17.0
14
700
0.25
5.0
11.4
61
305
SML4745A
16
15.5
16
700
0.25
5.0
12.2
57
285
SML4746A
18
14.0
20
750
0.25
5.0
13.7
50
250
SML4747A
20
12.5
22
750
0.25
5.0
15.2
45
225
SML4748A
22
11.5
23
750
0.25
5.0
16.7
41
205
SML4749A
24
10.5
25
750
0.25
5.0
18.2
38
190
SML4750A
27
9.5
35
750
0.25
5.0
20.6
34
170
SML4751A
30
8.5
40
1000
0.25
5.0
22.8
30
150
SML4752A
33
7.5
45
1000
0.25
5.0
25.1
27
135
SML4753A
36
7.0
50
1000
0.25
5.0
27.4
25
125
SML4754A
39
6.5
60
1000
0.25
5.0
29.7
23
115
SML4755A
43
6.0
70
1500
0.25
5.0
32.7
22
110
SML4756A
47
5.5
80
1500
0.25
5.0
35.8
19
95
SML4757A
51
5.0
95
1500
0.25
5.0
38.8
18
90
SML4758A
56
4.5
110
2000
0.25
5.0
42.6
16
80
SML4759A
62
4.0
125
2000
0.25
5.0
47.1
14
70
SML4760A
68
3.7
150
2000
0.25
5.0
51.7
13
65
SML4761A
75
3.3
175
2000
0.25
5.0
56.0
12
60
SML4762A
82
3.0
200
3000
0.25
5.0
62.2
11
55
SML4763A
91
2.8
250
3000
0.25
5.0
69.2
10
50
SML4764A
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Notes :
(1) Standard voltage tolerance is± 5%, No Suffix ± 10%
(2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method
(3) " SML " will be omitted in marking on the diode.
Type
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com