Electronic Components Datasheet Search
  English  ▼

X  

4A2 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 4A2
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

4A2 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  4A2 Datasheet HTML 1Page - Diode Semiconductor Korea 4A2 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0.1
10
1.0
Pulse Width
=300
µs
TJ=125
℃
600
200
1
0
100
10
400
300
500
100
TJ=25
Pulse Width=8.3ms
50
0
110
4
100
150
100
f=1MHz
TJ=25
75
0
2
1
0
25
50
3
4
5
100
125
150
200
175
Single Phase
Half Wave60Hz
Resistive or
Inductive Load
4A1---4A10
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 --MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com