Electronic Components Datasheet Search
  English  ▼

X  

ES1 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # ES1
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ES1 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  ES1 Datasheet HTML 1Page - Diode Semiconductor Korea ES1 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0
10
5
ES1 F
10
50
20
30
ES1 Z
ES1
ES1 A
0
0.2
050
0.4
0.6
0.8
1.0
25
75
100
125
150
ES1Z
ES1
ES1A
ES1F
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
1.0
2.0
3.0
4.0
5.0
TJ=25
Pulse Width=300
µS
ES1~
ES1A
ES1F~
ES1Z
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
trr
-1.0A
-0.25A
0
+0.5A
1cm
NUMBER OF CYCLES AT60Hz
REVERSE VOLTAGE,VOLTS
ES1F---ES1A
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
NOTES: 1. RISETIME=7ns MAX. INPUTIMPEDANCE=1M . 22PF
FIG.1 -- REVERSE RECOVERYTIMECHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 -- FORWARDDERATING CURVE
FIG.4-- PEAK FORWARD SURGECURRENT
FIG.5-- TYPICAL JUNCTIONCAPACITANCE
2. RISETIME=10ns MAX. SOURCEIMPEDANCE=50
FIG.3 -- TYPICAL FORWARDCHARACTERISTIC
INSTANTANEOUS FORWARDCURRENT, VOLTS
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com