Electronic Components Datasheet Search
  English  ▼

X  

MPX5100DP Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPX5100DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5100DP Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPX5100DP Datasheet HTML 2Page - Motorola, Inc MPX5100DP Datasheet HTML 3Page - Motorola, Inc MPX5100DP Datasheet HTML 4Page - Motorola, Inc MPX5100DP Datasheet HTML 5Page - Motorola, Inc MPX5100DP Datasheet HTML 6Page - Motorola, Inc MPX5100DP Datasheet HTML 7Page - Motorola, Inc MPX5100DP Datasheet HTML 8Page - Motorola, Inc MPX5100DP Datasheet HTML 9Page - Motorola, Inc MPX5100DP Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPX5100/MPXV5100 SERIES
6
Motorola Sensor Device Data
MOTOROLA
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor as
the Pressure (P1) side and the Vacuum (P2) side. The Pressure
(P1) side is the side containing fluoro silicone gel which protects
the die from harsh media. The Motorola MPX pressure sensor
is designed to operate with positive differential pressure
applied, P1 > P2.
The Pressure (P1) side may be identified by using the Table
below:
ORDERING INFORMATION
The MPX5100/MPXV5100 pressure sensor is available in absolute, differential, gauge, and vacuum configurations.
Devices are available in the basic element package or with pressure port fittings that provide printed circuit board mount-
ing ease and barbed hose pressure connections.
INFORMATION FOR USING THE SMALL OUTLINE PACKAGE (CASE 482)
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct footprint,
the packages will self align when subjected to a solder reflow
process. It is always recommended to design boards with a
solder mask layer to avoid bridging and shorting between solder
pads.
Figure 5. SOP Footprint (Case 482)
Part Number
Case Type
Pressure (P1) Side Identifier
MPX5100A, MPX5100D
867
Stainless Steel Cap
MPX5100DP
867C
Side with Part Marking
MPX5100AP, MPX5100GP
867B
Side with Port Attached
MPX5100GSX
867F
Side with Port Attached
MPXV5100GC6U
482A
Side with Port Attached
MPXV5100GC7U
482C
Side with Port Attached
Device Name
Options
Case Type
MPX Series
Order Number
Device Marking
Basic Element
Absolute
867
MPX5100A
MPX5100A
Differential
867
MPX5100D
MPX5100D
Ported Elements
Differential Dual Ports
867C
MPX5100DP
MPX5100DP
Absolute, Single Port
867B
MPX5100AP
MPX5100AP
Gauge, Single Port
867B
MPX5100GP
MPX5100GP
Gauge, Axial PC Mount
867F
MPX5100GSX
MPX5100D
Gauge, Axial Port, SMT
482A
MPXV5100GC6U
MPXV5100G
Gauge, Axial Port, DIP
482C
MPXV5100GC7U
MPXV5100G
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com