Electronic Components Datasheet Search
  English  ▼

X  

RM2C Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RM2C
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RM2C Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RM2C Datasheet HTML 1Page - Diode Semiconductor Korea RM2C Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC DO--15L,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.017 ounces,0.48 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RM2A
RM2B
RM2C
UNITS
Maximum recurrent peak reverse voltage
VRRM
600
800
1000
V
Maximum RMS voltage
VRMS
420
560
700
V
Maximum DC blocking voltage
VDC
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead lengths,
@T
A=75
Peak f orw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
j=125
Maximum instantaneous forw ard voltage
at 1.2 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθjA
/W
Operating junction temperature range
Tj
Storage temperature range
TSTG
RM2Z(Z)---RM2C(Z)
DO - 15L
200
140
200
RM2Z
Easily cleaned with Freon,Alcohol,Isopropanol
400
280
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 1.2 A
A
IFSM
2. Thermal resistance f rom junction to ambient.
A
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 150
30
50
IR
100
10.0
50
0.91
1.2
A
PLASTIC SILICON RECTIFIER
I(AV)
The plastic material carries U/L recognition 94V-0
400
RM2
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - RM2C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM2C SANKEN-RM2C Datasheet
20Kb / 1P
Rectifier Diodes
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
List of Unclassifed Man...
RM2C ETC-RM2C Datasheet
70Kb / 2P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RM2C BILIN-RM2C Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
54Kb / 2P
SILICON RECTIFIER DIODES
More results

Similar Description - RM2C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com