Electronic Components Datasheet Search
  English  ▼

X  

P89LPC920 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC920
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920 Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC920 Datasheet HTML 1Page - NXP Semiconductors P89LPC920 Datasheet HTML 2Page - NXP Semiconductors P89LPC920 Datasheet HTML 3Page - NXP Semiconductors P89LPC920 Datasheet HTML 4Page - NXP Semiconductors P89LPC920 Datasheet HTML 5Page - NXP Semiconductors P89LPC920 Datasheet HTML 6Page - NXP Semiconductors P89LPC920 Datasheet HTML 7Page - NXP Semiconductors P89LPC920 Datasheet HTML 8Page - NXP Semiconductors P89LPC920 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06 — 21 November 2003
Product data
1.
General description
The P89LPC920/921/922 are single-chip microcontrollers designed for applications
demanding high-integration, low cost solutions over a wide range of performance
requirements. The P89LPC920/921/922 is based on a high performance processor
architecture that executes instructions in two to four clocks, six times the rate of
standard 80C51 devices. Many system-level functions have been incorporated into
the P89LPC920/921/922 in order to reduce component count, board space, and
system cost.
2.
Features
2.1 Principal features
s 2 kB/4 kB/8 kB Flash code memory with 1 kB erasable sectors, 64-byte erasable
page size, and single byte erase.
s 256-byte RAM data memory.
s Two 16-bit counter/timers. Each timer may be configured to toggle a port output
upon timer overflow or to become a PWM output.
s Real-Time clock that can also be used as a system timer.
s Two analog comparators with selectable inputs and reference source.
s Enhanced UART with fractional baud rate generator, break detect, framing error
detection, automatic address detection and versatile interrupt capabilities.
s 400 kHz byte-wide I2C-bus communication port.
s Configurable on-chip oscillator with frequency range and RC oscillator options
(selected by user programmed Flash configuration bits). The RC oscillator option
allows operation without external oscillator components. Oscillator options
support frequencies from 20 kHz to the maximum operating frequency of 12 MHz.
The RC oscillator option is selectable and fine tunable.
s 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
s 15 I/O pins minimum. Up to 18 I/O pins while using on-chip oscillator and reset
options.
2.2 Additional features
s 20-pin TSSOP and DIP packages.
s A high performance 80C51 CPU provides instruction cycle times of 167 ns to
333 ns for all instructions except multiply and divide when executing at 12 MHz.
This is 6 times the performance of the standard 80C51 running at the same clock
frequency. A lower clock frequency for the same performance results in power
savings and reduced EMI.


Similar Part No. - P89LPC920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9201 NXP-P89LPC9201 Datasheet
1Mb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9201FDH NXP-P89LPC9201FDH Datasheet
335Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9201FDH NXP-P89LPC9201FDH Datasheet
1Mb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
More results

Similar Description - P89LPC920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC912 PHILIPS-P89LPC912 Datasheet
314Kb / 63P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 03-17 December 2004
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com