Electronic Components Datasheet Search
  English  ▼

X  

THMC40DR Datasheet(PDF) 5 Page - Texas Instruments

Part # THMC40DR
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC40DR Datasheet(HTML) 5 Page - Texas Instruments

  THMC40DR Datasheet HTML 1Page - Texas Instruments THMC40DR Datasheet HTML 2Page - Texas Instruments THMC40DR Datasheet HTML 3Page - Texas Instruments THMC40DR Datasheet HTML 4Page - Texas Instruments THMC40DR Datasheet HTML 5Page - Texas Instruments THMC40DR Datasheet HTML 6Page - Texas Instruments THMC40DR Datasheet HTML 7Page - Texas Instruments THMC40DR Datasheet HTML 8Page - Texas Instruments THMC40DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc
electrical characteristics, VPWR = 12 V, TA = –30°C to 80°C (unless otherwise noted) (continued)
VPWM high-side PWM duty cycle adjust input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IIB(PWM)
VPWM input bias current
VPWM = 0 V to 3 V
±1
µA
VPWM (100%)
VPWM voltage equivalent to 100% duty cycle
2.3
V
VSLEEP
VPWM voltage threshold to engage sleep mode
0.6
0.7
V
VSTART
VPWM voltage threshold to disengage sleep
mode
0.8
0.9
V
thermal shutdown characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TTSD
VOUT, PHA, PHB global thermal shutdown
thresholds
Temperature increasing until outputs are off,
See Note 6
150
185
°C
THYST
Thermal shutdown hysteresis
After TTSD, temperature decreasing until out-
puts return to normal operation, See Note 6
15
°C
TACH Tachometer open-drain output (THMC40)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ITACHLEAK
TACH high-level output leakage current
VTACH = 5 V
0.1
1
µA
VOL
TACH low-level output voltage
ITACH = 5 mA
0.1
0.3
V
RD locked rotor detection open-drain output (THMC41)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IRDLEAK
RD high-level output leakage current
VRD = 5 V, Locked rotor condition
0.1
1
µA
VOL
RD low-level output voltage
IRD = 5 mA, No locked rotor
0.1
0.3
V
ac electrical characteristics, VPWR = 12 V, TA = –30°C to 80°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fPWM
High-side gate drive PWM frequency
COSC = 2200 pF
22.7
kHz
tRD
Locked rotor detect delay time
COSC = 2200 pF See Figure 9
1
s
tRETRY
Auto-restart delay time
COSC = 2200 pF, See Figure 9
8
s
tHALL
Hall zero-crossing deglitch time
See Figure 2
25
µs
tDEAD(PHx) Dead time between phase commutations
See Figure 2
5
µs
tf(OUT)
VOUT output fall time
25
ns
tr(OUT)
VOUT output rise time
RL = 20 Ω , LL = 5 mH,
25
ns
tf(PHx)
PHA or PHB fall time
L
, L
,
See Note 6
1
µs
tr(PHx)
PHA or PHB rise time
1
µs
NOTE 6: Design targets only. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com