Electronic Components Datasheet Search
  English  ▼

X  

THMC45 Datasheet(PDF) 9 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THMC45_13 Datasheet HTML 5Page - Texas Instruments THMC45_13 Datasheet HTML 6Page - Texas Instruments THMC45_13 Datasheet HTML 7Page - Texas Instruments THMC45_13 Datasheet HTML 8Page - Texas Instruments THMC45_13 Datasheet HTML 9Page - Texas Instruments THMC45_13 Datasheet HTML 10Page - Texas Instruments THMC45_13 Datasheet HTML 11Page - Texas Instruments THMC45_13 Datasheet HTML 12Page - Texas Instruments THMC45_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
tachometer signaling on PWM input (PWM)
The PWM terminal of the THMC45 provides a 1-
µs (typical) current sink pulse, t(PW), following the next rising
edge of the PWM input signal after the Hall sensor amplifier changes states (see Figure 4). Note that the
THMC45 incorporates a blanking circuit that disregards transitions on the PWM terminal during the TACH
current pulses. This ensures that the TACH pulses do not corrupt the output PWM signal. This current signal
can be detected with external circuitry and can be sent to the TACH input of the hardware monitor portion of
a Super I/O device.
t(de-glitch)
td
t(PW)
t(de-glitch)
t(de-glitch)
Differential Hall
Signal (H+ − H−)
Conditioned Hall
Amplifier Output
(Internal)
PWM Input
TACH Current
Sink Pulses
TACH
Figure 4. Tachometer Current Pulse Timing on PWM Input Pin
sleep/run states using PWM input (PWM)
The THMC45 enters a low-current sleep state when the PWM input maintains a logic low level for more than
2 ms (typical), t(SLEEP). In sleep state, the OUTA and OUTB outputs are in a high-impedance state. The THMC45
transitions from sleep state to run state on the first rising edge on the PWM input. Figure 5 shows the timing
relationships between the PWM signal and sleep/run state.
t(SLEEP)
PWM Input
OUTA, OUTB
Enable Signal
t(PWM_de-glitch)
Figure 5. PWM Input Signal, Sleep State, and Run State Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com