Electronic Components Datasheet Search
  English  ▼

X  

THMC41DR Datasheet(PDF) 10 Page - Texas Instruments

Part # THMC41DR
Description  VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC41DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THMC41DR Datasheet HTML 6Page - Texas Instruments THMC41DR Datasheet HTML 7Page - Texas Instruments THMC41DR Datasheet HTML 8Page - Texas Instruments THMC41DR Datasheet HTML 9Page - Texas Instruments THMC41DR Datasheet HTML 10Page - Texas Instruments THMC41DR Datasheet HTML 11Page - Texas Instruments THMC41DR Datasheet HTML 12Page - Texas Instruments THMC41DR Datasheet HTML 13Page - Texas Instruments THMC41DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
THMC40, THMC41
VARIABLE SPEED 12-VDC BRUSHLESS FAN MOTOR DRIVERS
SLIS097 – MARCH 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PWM duty cycle control voltage (VPWM) – dc control voltage input
The voltage at the VPWM terminal determines the PWM duty cycle of the output (VOUT) to control drive power
to the fan motor, and thus control fan speed (see Figures 3 and 6). The VPWM voltage is internally compared
against the 0.5-V to 2.3-V triangle waveform generated on the COSC terminal. The PWM signal output from this
comparator has a duty cycle proportional to the voltage at VPWM, as shown in Figure 6. The output of this
comparator is used as the PWM input to the VOUT drive stage.
50
40
20
10
0
90
30
0
0.2
0.4
0.6
0.8
1
1.2
70
60
80
100
1.4
1.6
1.8
2.4
2
2.2
VPWM – Input Voltage – V
RUN STATE
SLEEP
STATE
VSLEEP=0.7 V
VSTART = 0.8 V
Must be exceeded
to enter run state
VOUT Duty Cycle =
(VPWM - 0.5)/1.8 × 100
Figure 6. Relationship of VOUT Duty Cycle, VSTART, and VSLEEP vs VPWM Input Voltage
PWM duty cycle control voltage (VPWM) – digital PWM control input
To allow control of the THMC40 and THMC41 by either a PWM or a dc input control signal, it is recommended
that the fan manufacturer includes a 100-k
Ω, 0.1-µF RC filter between the speed control wire and the VPWM
terminal (see Figure 7). This method allows the end user to control the fan speed with either a PWM signal or
a dc control voltage. Many PC Super I/O ICs and hardware monitoring ICs provide one of the two fan speed
control outputs. Therefore, fans with THMC40 and THMC41 ICs can be used with a wide variety of control
schemes to provide variable fan speed without an external fan drive power stage.
C = 0.1
µF
VPWM
PWM Generator
(Super I/O or
HW Monitor)
PC Motherboard
Inside Cooling Fan
R = 100 k
Ω
THMC40
and
THMC41
Full Speed Option
VFAN
Speed
Control
1 – 10 M
Ω†
1 – 10 M
Ω†
Sleep State Option
† Optional resistors control fan operation with open speed control input.
Figure 7. PWM Input Control With RC Filter Inside the Cooling Fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com