Electronic Components Datasheet Search
  English  ▼

X  

THS1041IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1041IPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1041IPWR Datasheet HTML 9Page - Texas Instruments THS1041IPWR Datasheet HTML 10Page - Texas Instruments THS1041IPWR Datasheet HTML 11Page - Texas Instruments THS1041IPWR Datasheet HTML 12Page - Texas Instruments THS1041IPWR Datasheet HTML 13Page - Texas Instruments THS1041IPWR Datasheet HTML 14Page - Texas Instruments THS1041IPWR Datasheet HTML 15Page - Texas Instruments THS1041IPWR Datasheet HTML 16Page - Texas Instruments THS1041IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 18
−140
−120
−100
−80
−60
−40
−20
0
05
10
FFT
15
20
fi = 10 MHz at −0.5 dBFS,
fS = 40 MSPS
Input = 2 V Differential
Frequency − MHz
Figure 19
Vref = 0.5 V
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
−40
−20
0
20
40
60
80
Vref = 1 V
REFERENCE VOLTAGE ERROR
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 20
90
95
100
105
110
115
120
125
ADC CODES
vs
WAKE-UP SETTLING TIME
Wake-Up Settling Time −
µs
MODE = AGND,
fS = 40 MSPS,
Ext. REF = 1 V and 2 V,
AVDD = 3 V
See Note
−10
5
20
35
50
65
80
95
110
NOTE: See wake-up time in definitions at the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com