Electronic Components Datasheet Search
  English  ▼

X  

PCA9548 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9548
Description  8-channel I2C switch with reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9548 Datasheet HTML 2Page - NXP Semiconductors PCA9548 Datasheet HTML 3Page - NXP Semiconductors PCA9548 Datasheet HTML 4Page - NXP Semiconductors PCA9548 Datasheet HTML 5Page - NXP Semiconductors PCA9548 Datasheet HTML 6Page - NXP Semiconductors PCA9548 Datasheet HTML 7Page - NXP Semiconductors PCA9548 Datasheet HTML 8Page - NXP Semiconductors PCA9548 Datasheet HTML 9Page - NXP Semiconductors PCA9548 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9548
8-channel I2C switch with reset
2004 Sep 30
6
VOLTAGE TRANSLATION
The pass gate transistors of the PCA9548 are constructed such that
the VDD voltage can be used to limit the maximum voltage that will
be passed from one I2C-bus to another.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Vpass vs. VDD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vpass
VDD
MINIMUM
TYPICAL
MAXIMUM
SW00820
2.0
Figure 5. Vpass voltage vs. VDD
Figure 5 shows the voltage characteristics of the pass gate
transistors (note that the PCA9548 is only tested at the points
specified in the DC Characteristics section of this datasheet). In
order for the PCA9548 to act as a voltage translator, the Vpass
voltage should be equal to, or lower than the lowest bus voltage. For
example, if the main bus was running at 5 V, and the downstream
buses were 3.3 V and 2.7 V, then Vpass should be equal to or below
2.7 V to effectively clamp the downstream bus voltages. Looking at
Figure 5, we see that Vpass (max.) will be at 2.7 V when the
PCA9548 supply voltage is 3.5 V or lower so the PCA9548 supply
voltage could be set to 3.3 V. Pull-up resistors can then be used to
bring the bus voltages to their appropriate levels (see Figure 12).
More Information can be found in Application Note AN262
PCA954X
family of I2C/SMBus multiplexers and switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com