Electronic Components Datasheet Search
  English  ▼

X  

THS1041CPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS1041CPWRG4
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS1041CPWRG4 Datasheet HTML 1Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 2Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 3Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 4Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 5Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 6Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 7Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 8Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
5
www.ti.com
electrical characteristics
over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 40 MSPS/50% duty cycle, MODE = AVDD (internal reference),
differential input range = 1 Vpp and 2 Vpp, PGA = 1X, TA = Tmin to Tmax (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
Supply voltage
3
3
3.6
V
DVDD
Supply voltage
3
3
3.6
V
ICC
Operating supply current
See Note 4
34
42
mA
PD
Power dissipation
See Note 4
103
125
mW
PD(STBY)
Standby power
75
µW
Power up time for all references from standby, t(PU)
10
µF bypass
770
µs
Wake-up time, t(WU)
See Note 5
45
µs
REFT, REFB internal ADC reference voltages outputs (MODE = AVDD or AVDD/2) (See Note 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage top, REFT
VREF = 0.5 V
AVDD = 3 V
1.75
V
Reference voltage top, REFT
VREF = 1 V
AVDD = 3 V
2
V
Refence voltage bottom, REFB
VREF = 0.5 V
AVDD = 3 V
1.25
V
Refence voltage bottom, REFB
VREF = 1 V
AVDD = 3 V
1
V
Input resistance between REFT and REFB
1.4
1.9
2.5
k
Ω
VREF (on-chip voltage reference generator)
PARAMETER
MIN
TYP
MAX
UNIT
Internal 0.5-V reference voltage (REFSENSE = VREF)
0.45
0.5
0.55
V
Internal 1-V reference voltage (REFSENSE = AGND)
0.95
1
1.05
V
Reference input resistance (REFSENSE = AVDD, MODE = AVDD/2 or AVDD)
7
14
21
k
Ω
dc accuracy
PARAMETER
MIN
TYP
MAX
UNIT
Resolution
10
Bits
INL
Integral nonlinearity (see definitions)
−1.5
±0.75
1.5
LSB
DNL
Differential nonlinearity (see definitions)
−0.9
±0.3
1
LSB
Zero error (see definitions)
−1.5
0.7
1.5
%FSR
Full-scale error (see definitions)
−3
2.2
3
%FSR
Missing code
No missing code assured
NOTES:
4. A −1 dBFS 10-KHz triangle wave is applied at AIN+ and AIN−. Internal bandgap reference and ADC reference are enabled,
CLAMPOUT is set to AVDD/2. ADC conversions are taking place during power measurements at 40 MSPS. A CLAMPOUT load or
VREF load may result in additional current.
5. Wake-up time is from the power-down state to accurate ADC samples being taken and is specified for MODE = AGND with external
reference sources applied to the device at the time of release of power-down and an applied 40-MHz clock. Circuits that need to
power up are the bandgap, bias generator, ADC, and SHPGA.
6. External reference values are listed in the Recommended Operating Conditions Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com