Electronic Components Datasheet Search
  English  ▼

X  

THS3202D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202D
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3202D Datasheet(HTML) 2 Page - Texas Instruments

  THS3202D Datasheet HTML 1Page - Texas Instruments THS3202D Datasheet HTML 2Page - Texas Instruments THS3202D Datasheet HTML 3Page - Texas Instruments THS3202D Datasheet HTML 4Page - Texas Instruments THS3202D Datasheet HTML 5Page - Texas Instruments THS3202D Datasheet HTML 6Page - Texas Instruments THS3202D Datasheet HTML 7Page - Texas Instruments THS3202D Datasheet HTML 8Page - Texas Instruments THS3202D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
THS3202
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
ORDERABLE PACKAGE AND NUMBER
PLASTIC MSOP-8(2) PowerPAD
PLASTIC MSOP-8(2)
NUMBER OF
PLASTIC SOIC-8(2)
CHANNELS
(D)
(DGN)
MARKING
(DGK)
MARKING
2
THS3202D
THS3202DGN
BEP
THS3202DGK
BEV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (that is, THS3202DR).
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±VS
Differential input voltage, VID
±3 V
Output current, IO
(2)
175 mA
Continuous power dissipation
See Package Dissipation Ratings Table
Maximum junction temperature, TJ
(3)
+150°C
Maximum junction temperature, continuous operation, long-term reliability, TJ
(4)
+125°C
Operating free-air temperature range, TA
–40°C to +85°C
Storage temperature range, TSTG
–65°C to +150°C
HBM
3000 V
ESD ratings:
CDM
1500 V
MM
200 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The THS3202 may incorporate a PowerPAD on the underside of the chip. This acts as a heat sink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See TI technical briefs SLMA002 and SLMA004 for more information about using the
PowerPAD thermally-enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
2
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com