Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
THS4513
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 5 V
G = 0 dB, VOD = 100 mVPP
Figure 1
Small-Signal Frequency
Response
G = 6 dB, VOD = 100 mVPP
Figure 2
G = 0 dB, VOD = 2 VPP
Figure 3
Large-Signal Frequency
Response
G = 6 dB, VOD = 2 VPP
Figure 4
HD2, G = 0 dB, VOD = 2 VPP
vs Frequency
Figure 5
HD3, G = 0 dB, VOD = 2 VPP
vs Frequency
Figure 6
HD2, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 7
HD3, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 8
Harmonic
Distortion
HD2, G = 0 dB
vs Output Voltage
Figure 9
HD3, G = 0 dB
vs Output Voltage
Figure 10
HD2, G = 0 dB
vs CM Output Voltage
Figure 11
HD3, G = 0 dB
vs CM Output Voltage
Figure 12
IMD2, G = 0 dB
vs Frequency
Figure 13
Intermodulation
Distortion
IMD3, G = 0 dB
vs Frequency
Figure 14
OIP2
vs Frequency
Figure 15
Output Intercept Point
OIP3
vs Frequency
Figure 16
S-Parameters
vs Frequency
Figure 17
Transition Rate
vs Output Voltage
Figure 18
Transient Response
Figure 19
Settling Time
Figure 20
Rejection Ratio
vs Frequency
Figure 21
Output Impedance
vs Frequency
Figure 22
Overdrive Recovery
Figure 23
Output Voltage Swing
vs Load Resistance
Figure 24
Turn-Off Time
Figure 25
Turn-On Time
Figure 26
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 27
Open-Loop Gain
vs Frequency
Figure 28
Input-Referred Noise
vs Frequency
Figure 29
Noise Figure
vs Frequency
Figure 30
Quiescent Current
vs Supply Voltage
Figure 31
Power-Supply Current
vs Supply Voltage in Power-Down Mode
Figure 32
Output Balance Error
vs Frequency
Figure 33
CM Input Impedance
vs Frequency
Figure 34
CM Small-Signal Frequency Response
Figure 35
CM Input Bias Current
vs CM Input Voltage
Figure 36
Differential Output Offset Voltage
vs CM Input Voltage
Figure 37
Output Common-Mode Offset
vs CM Input Voltage
Figure 38
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: THS4513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com