Electronic Components Datasheet Search
  English  ▼

X  

SI4948EY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4948EY
Description  Dual P-Channel 60-V (D-S), 175C MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4948EY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4948EY Datasheet HTML 1Page - Vishay Siliconix SI4948EY Datasheet HTML 2Page - Vishay Siliconix SI4948EY Datasheet HTML 3Page - Vishay Siliconix SI4948EY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4948EY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70166
S-99444—Rev. E, 29-Nov-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V
–2
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V, TJ = 55_C
–25
mA
On-State Drain Currentb
ID(on)
VDS v –5 V, VGS = –10 V
–20
A
Drain-Source On-State Resistanceb
rDS(on)
VGS = –10 V, ID = –3.1 A
0.100
0.120
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = –4.5 V, ID = –2.8 A
0.125
0.150
W
Forward Transconductanceb
gfs
VDS = –15 V, ID = –3.1 A
7.5
S
Diode Forward Voltageb
VSD
IS = –2.0 A, VGS = 0 V
–0.8
–1.2
V
Dynamica
Total Gate Charge
Qg
V30 V V
10 V I
3 1 A
16
25
C
Gate-Source Charge
Qgs
VDS = –30 V, VGS = –10 V, ID = –3.1 A
4
nC
Gate-Drain Charge
Qgd
1.6
Turn-On Delay Time
td(on)
V30 V R
30
W
8
15
Rise Time
tr
VDD = –30 V, RL = 30 W
I
1 A V
10 V R
6
W
10
20
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –10 V, RG = 6 W
35
50
ns
Fall Time
tf
12
25
Source-Drain Reverse Recovery Time
trr
IF = –2.0 A, di/dt = 100 A/ms
60
90
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com