Electronic Components Datasheet Search
  English  ▼

X  

TIL300ADCS Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL300ADCS
Description  PRECISION LINEAR OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL300ADCS Datasheet(HTML) 3 Page - Texas Instruments

  TIL300ADCS Datasheet HTML 1Page - Texas Instruments TIL300ADCS Datasheet HTML 2Page - Texas Instruments TIL300ADCS Datasheet HTML 3Page - Texas Instruments TIL300ADCS Datasheet HTML 4Page - Texas Instruments TIL300ADCS Datasheet HTML 5Page - Texas Instruments TIL300ADCS Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIL300, TIL300A
PRECISION LINEAR OPTOCOUPLER
SOES019A − OCTOBER 1995 − REVISED JULY 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at TA = 25°C
Emitter
PARAMETER
CONDITIONS
MIN
TYP†
MAX
UNIT
VF
Forward voltage
IF = 10 mA
1.25
1.50
V
Temperature coefficient of VF
−2.2
mV/
°C
IR
Reverse current
VR = 5 V
10
µA
tr
Rise time
IF = 10 mA,
∆IF = 2 mA
1
µs
tf
Fall time
IF = 10 mA,
∆IF = 2 mA
1
µs
Cj
Junction capacitance
VF = 0,
f = 1 MHz
15
pF
Detector
PARAMETER
CONDITIONS
MIN
TYP†
MAX
UNIT
IDK†
Dark current
VR = 15 V,
IF = 0
25
nA
Open circuit voltage
IF = 10 mA
0.5
V
IOS
Short circuit current limit
IF = 10 mA
80
µA
Cj
Junction capacitance
VF = 0,
f = 1 MHz
12
pF
Coupler
PARAMETER
CONDITIONS
MIN
TYP†
MAX
UNIT
K1‡
Servo current gain
IF = 1 mA
0.3%
0.7%
1.5%
K1‡
Servo current gain
IF = 10 mA
0.5%
1.25%
2%
K2§
Forward current gain
IF = 1 mA
0.3%
0.7%
1.5%
K2§
Forward current gain
Detector bias
IF = 10 mA
0.5%
1.25%
2%
TIL300
Detector bias
voltage = −15 V
IF = 1 mA
0.75
1
1.25
K3¶
Transfer gain
TIL300
voltage = −15 V
IF = 10 mA
0.75
1
1.25
K3¶
Transfer gain
TIL300A
IF = 1 mA
0.9
1
1.10
TIL300A
IF = 10 mA
0.9
1
1.10
Gain temperature coefficient
K1/K2
IF = 10 mA
− 0.5
%/
°C
Gain temperature coefficient
K3
IF = 10 mA
±0.005
%/
°C
∆K3#
Transfer gain linearity
IF = 1 to 10 mA
±0.25%
∆K3#
Transfer gain linearity
IF = 1 to 10 mA,
TA = 0 to 75°C
±0.5%
BW
Bandwidth
IF = 10 mA,
IF(MODULATION) = ± 2 mA
RL = 1 kΩ,
200
kHz
tr
Rise time
IF = 10 mA,
IF(MODULATION) = ± 2 mA
RL = 1 kΩ,
1.75
µs
tf
Fall time
IF = 10 mA,
IF(MODULATION) = ± 2 mA
RL = 1 kΩ,
1.75
µs
Viso†
Peak Isolation voltage
IIO = 10 µA,
time = 1 minute
f = 60 Hz
3535
V
† This symbol is not currently listed within EIA or JEDEC standards for semiconductor symbology.
‡ Servo current gain (K1) is the ratio of the feedback photodiode current (IP1) to the input LED current (IF) current (IF), i.e. K1 = IP1/IF.
§ Forward gain (K2 is the ratio of the output photodiode current (IP2) to the input LED current (IF), i.e. K2 = IP2/IF.
¶ Transfer gain (K3) is the ratio of the forward gain to the servo gain, i.e. K3 = K2/K1.
# Transfer gain linearity (∆K3) is the percent deviation of the transfer gain K3 as a function of LED input current (IF) or the package temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com