Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 4Page - Texas Instruments THS6002 Datasheet HTML 5Page - Texas Instruments THS6002 Datasheet HTML 6Page - Texas Instruments THS6002 Datasheet HTML 7Page - Texas Instruments THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments THS6002 Datasheet HTML 10Page - Texas Instruments THS6002 Datasheet HTML 11Page - Texas Instruments THS6002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TA − Free-Air Temperature − °C
−40
−20
0
20
40
60
80
100
G002
4.0
3.0
2.0
3.5
2.5
14.0
13.5
12.5
13.0
12.0
VCC = ±15 V
50
Ω Load
VCC = ±5 V
No Load
VCC = ±5 V
50
Ω Load
VCC = ±15 V
No Load
−15
−10
−5
0
5
10
15
RL − Load Resistance − Ω
10
100
1k
G001
VCC = ±15 V
VCC = ±5 V
TA = 25°C
RF = 1 kΩ
Gain = 1
VCC = ±5 V
VCC = ±15 V
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
Table of Graphs
FIGURE
VO(PP)
Peak-to-peak output voltage
vs Load resistance
3
Maximum peak-to-peak output voltage swing vs Free-air temperature
4
VIO
Input offset voltage
vs Free-air temperature
5
IIB
Input bias current
vs Free-air temperature
6
Positive input bias current
vs Common-mode input voltage
7
CMRR
Common-mode rejection ratio
vs Free-air temperature
8
Input-to-output crosstalk
vs Frequency
9
PSRR
Power supply rejection ratio
vs Free-air temperature
10
Closed-loop output impedance
vs Frequency
11
ICC
Supply current
vs Free-air temperature
12
SF
Slew rate
vs Output step
13, 14
Vn
Input voltage noise
vs Frequency
15
In
Input current noise
vs Frequency
15
Output amplitude
vs Frequency
16, 17, 19–32
Closed-loop output phase
vs Frequency
18
Small and large frequency response
33–36
Single-ended output distortion
vs Peak-to-peak output voltage
37, 38
Harmonic distortion
vs Frequency
39, 40
Differential gain
Number of 150-
Ω loads
41, 42
Differential phase
Number of 150-
Ω loads
43, 44
400-mV output step response
45, 47
20-V step response
46
4-V step response
48
MAXIMUM PEAK-TO-PEAK
PEAK-TO-PEAK OUTPUT VOLTAGE
OUTPUT VOLTAGE SWING
vs
vs
LOAD RESISTANCE
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com