Electronic Components Datasheet Search
  English  ▼

X  

THS6012CDWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 23Page - Texas Instruments THS6012CDWPR Datasheet HTML 24Page - Texas Instruments THS6012CDWPR Datasheet HTML 25Page - Texas Instruments THS6012CDWPR Datasheet HTML 26Page - Texas Instruments THS6012CDWPR Datasheet HTML 27Page - Texas Instruments THS6012CDWPR Datasheet HTML 28Page - Texas Instruments THS6012CDWPR Datasheet HTML 29Page - Texas Instruments THS6012CDWPR Datasheet HTML 30Page - Texas Instruments THS6012CDWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
+
–
C1
RF
RG
VO
VI
THS6012
V
O
V
I
+
R
F
R
G
S
)
1
R
F
C1
S
VI
C2
R2
R1
C1
RF
RG
R1 = R2 = R
C1 = C2 = C
Q = Peaking Factor
(Butterworth Q = 0.707)
(
=
1
Q
2 –
)
RG
RF
_
+
f
–3dB +
1
2pRC
VI
VO
C1
+
–
RG
RF
R1
f
–3dB +
1
2pR1C1
V
O
V
I
+
1 )
R
F
R
G
1
1 ) sR1C1
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
GENERAL CONFIGURATIONS
A common error for the first-time CFB user is to create a unity gain buffer amplifier by shorting the output directly
to the inverting input. A CFB amplifier in this configuration oscillates and is not recommended. The THS6012,
like all CFB amplifiers, must have a feedback resistor for stable operation. Additionally, placing capacitors
directly from the output to the inverting input is not recommended. This is because, at high frequencies, a
capacitor has a very low impedance. This results in an unstable amplifier and should not be considered when
using a current-feedback amplifier. Because of this, integrators and simple low-pass filters, which are easily
implemented on a VFB amplifier, have to be designed slightly differently. If filtering is required, simply place an
RC-filter at the noninverting terminal of the operational-amplifier (see Figure 48).
Figure 48. Single-Pole Low-Pass Filter
If a multiple pole filter is required, the use of a Sallen-Key filter can work very well with CFB amplifiers. This is
because the filtering elements are not in the negative feedback loop and stability is not compromised. Because of
their high slew-rates and high bandwidths, CFB amplifiers can create very accurate signals and help minimize
distortion. An example is shown in Figure 49.
Figure 49. 2-Pole Low-Pass Sallen-Key Filter
There are two simple ways to create an integrator with a CFB amplifier. The first one shown in Figure 50 adds a
resistor in series with the capacitor. This is acceptable because at high frequencies, the resistor is dominant and
the feedback impedance never drops below the resistor value. The second one shown in Figure 51 uses positive
feedback to create the integration. Caution is advised because oscillations can occur because of the positive
feedback.
Figure 50. Inverting CFB Integrator
Copyright © 1998–2012, Texas Instruments Incorporated
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com