Electronic Components Datasheet Search
  English  ▼

X  

TL75LP10 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL75LP10
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP10 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL75LP10 Datasheet HTML 7Page - Texas Instruments TL75LP10 Datasheet HTML 8Page - Texas Instruments TL75LP10 Datasheet HTML 9Page - Texas Instruments TL75LP10 Datasheet HTML 10Page - Texas Instruments TL75LP10 Datasheet HTML 11Page - Texas Instruments TL75LP10 Datasheet HTML 12Page - Texas Instruments TL75LP10 Datasheet HTML 13Page - Texas Instruments TL75LP10 Datasheet HTML 14Page - Texas Instruments TL75LP10 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Output voltage
vs Input voltage
5
Input current
IO = 10 mA
vs Input voltage
6
Input current
IO = 100 mA vs Input voltage
7
Dropout voltage
vs Output current
8
Quiescent current
vs Output current
9
Short-circuit protection conditions output voltage
vs Output current
10
Load transient response
11
Line transient response
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com