| Electronic Components Datasheet Search |
|
TL034ACDRE4 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL034ACDRE4 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 74 page ![]() TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL034I and TL034AI electrical characteristics at specified free-air temperature (continued) TL034I, TL034AI PARAMETER TEST CONDITIONS TA VCC± = ±5 V VCC± = ±15 V UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX MIN TYP MAX UNIT Tt l di i ti 25 °C 7.7 10 26 34 PD Total power dissipation (four amplifiers) VO = 0, No load −40 °C 5.8 10 21.7 34 mW PD (four amplifiers) VO 0, No load 85 °C 7.4 10 24.8 34 mW Sl t 25 °C 0.77 1 0.87 1.12 ICC Supply current (four amplifiers) VO = 0, No load −40 °C 0.58 1 0.72 1.12 mA ICC (four amplifiers) VO 0, No load 85 °C 0.74 1 0.83 1.12 mA VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB TL034I and TL034AI operating characteristics TL034I, TL034AI PARAMETER TEST CONDITIONS TA VCC± = ±5 V VCC± = ±15 V UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX MIN TYP MAX UNIT R 10 k Ω C 100 F 25 °C 2 1.5 2.9 SR+ Positive slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 −40 °C 1.6 1 2.1 V/ μs SR+ gain† See Figure 1 85 °C 2.3 1.5 3.3 V/ μs R 10 k Ω C 100 F 25 °C 3.9 1.5 5.1 SR− Negative slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 −40 °C 3.3 1.5 4.8 V/ μs SR gain† See Figure 1 85 °C 4.1 1.5 4.9 V/ μs VI(PP) = ±10 V, 25 °C 138 132 tr Rise time VI(PP) = ±10 V, RL = 10 kΩ, CL = 100 pF −40 °C 132 123 ns tr Rise time RL 10 k Ω, CL 100 pF See Figures 1 and 2 85 °C 154 146 ns VI(PP) = ±10 V, 25 °C 138 132 tf Fall time VI(PP) = ±10 V, RL = 10 kΩ, CL = 100 pF −40 °C 132 123 ns tf Fall time RL 10 k Ω, CL 100 pF See Figures 1 and 2 85 °C 154 146 ns VI(PP) = ±10 V, 25 °C 11% 5% Overshoot factor VI(PP) = ±10 V, RL = 10 kΩ, CL = 100 pF −40 °C 12% 5% Overshoot factor RL 10 k Ω, CL 100 pF See Figures 1 and 2 85 °C 13% 7% TL034I f = 10 Hz 25 °C 83 83 V Equivalent input TL034I RS = 20 Ω f = 1 kHz 25 °C 43 43 nV/ √Hz Vn Equivalent input noise voltage TL034AI RS = 20 Ω See Figure 3 f = 10 Hz 25 °C 83 83 nV/ √Hz g TL034AI f = 1 kHz 25 °C 43 43 60 In Equivalent input noise current f = 1 kHz 25 °C 0.003 0.003 pA/ √Hz VI = 10 mV, 25 °C 1 1.1 B1 Unity-gain bandwidth VI = 10 mV, RL = 10 kΩ, CL = 25 pF −40 °C 1 1.1 MHz B1 Unity gain bandwidth RL 10 k Ω, CL 25 pF See Figure 4 85 °C 0.9 1 MHz VI = 10 mV, 25 °C 61 ° 65 ° φm Phase margin at unity gain VI = 10 mV, RL = 10 kΩ, CL = 25 pF −40 °C 61 ° 65 ° φm gy g RL 10 k Ω, CL 25 pF See Figure 4 85 °C 60 ° 64 ° † For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |