Electronic Components Datasheet Search
  English  ▼

X  

TDA9181P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9181P
Description  Integrated multistandard comb filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9181P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9181P Datasheet HTML 4Page - NXP Semiconductors TDA9181P Datasheet HTML 5Page - NXP Semiconductors TDA9181P Datasheet HTML 6Page - NXP Semiconductors TDA9181P Datasheet HTML 7Page - NXP Semiconductors TDA9181P Datasheet HTML 8Page - NXP Semiconductors TDA9181P Datasheet HTML 9Page - NXP Semiconductors TDA9181P Datasheet HTML 10Page - NXP Semiconductors TDA9181P Datasheet HTML 11Page - NXP Semiconductors TDA9181P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2000 Nov 22
8
Philips Semiconductors
Objective specification
Integrated multistandard comb filter
TDA9181
CHARACTERISTICS
VCCA =VDDD =5V; Tamb =25 °C; input signal Y/CVBS1 = 1 V (p-p); input signal Y/CVBS2 = 1 V (p-p); input signal
CIN = 0.7 V (p-p); input signal FSC = 200 mV (p-p) sine wave at fSC; input signal SC=5V (p-p) sandcastle signal; test
signal: 100/0/75/0 EBU colour bar for PAL B, G, H, D, I and N, 100% white 75% amplitude FCC colour bar for NTSC M
and PAL M; source impedance for Y/CVBS1 and Y/CVBS2 =75 Ω, coupled with 10 nF; source impedance for CIN and
FSC = 75
Ω, coupled with 100 nF; load impedance for CVBS/Y
OUT and COUT = 15 pF to analog ground (pin AGND); all
voltages are related to analog ground (pin AGND); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.5
5.0
5.5
V
ICCA
analog supply current
−
25
−
mA
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDD
digital supply current
−
10
−
mA
P
power dissipation
−
175
−
mW
Luminance or CVBS input 1 and input 2; pins Y/CVBS1 and Y/CVBS2
Vi(Y/CVBS)(p-p)
luminance or CVBS input
voltage (peak-to-peak value)
including sync
0.7
1.0
1.4
V
tclamp(Y/CVBS)
clamp time constant
−
20
−
lines
Ii(Y/CVBS)
input current
during clamping
−10
0
+10
µA
during active video
−10
0
+10
nA
Chrominance input; pin CIN
Vi(CIN)(p-p)
chrominance input voltage
(peak-to-peak value)
−
0.7
1.0
V
Ri(CIN)
input resistance
30
−−
k
Ω
Colour subcarrier input; pin FSC
Vi(FSC)(p-p)
subcarrier input voltage
(peak-to-peak value)
100
200
400
mV
D
duty cycle
square wave
40
50
60
%
Ri(FSC)
input resistance
30
−−
k
Ω
Sandcastle input; pin SC
Vi(SC)
sandcastle input voltage
no clamping
−−
3.3
V
clamping
3.7
−−
V
tW
pulse width
clamping; note 1
2.6
−−µs
tW(rep)
pulse rising edge position
with respect to end of
line-blanking; note 1
−−− 2.6
µs
Ri(SC)
input resistance
1
−−
M
Ω
Ci(SC)
input capacitance
−−
2pF
Input switch select input; pin INPSEL
VIL
LOW-level input voltage
Y/CVBS1 selected
−−
0.5
V
VIH
HIGH-level input voltage
Y/CVBS2 selected
2.0
−−
V
Ri(INPSEL)
input resistance
100
−−
k
Ω
Ci(INPSEL)
input capacitance
−−
2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com