Electronic Components Datasheet Search
  English  ▼

X  

30DF1 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 30DF1
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30DF1 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  30DF1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30DF1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30DF2
30DF1
VOLTAGE RANGE: 100 - 200V
30DF1 - 30DF2
200
200
1.0
32
DO-201AD
verse current
voltage drop
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
V
Maximum RMS Voltage
VRMS
70
140
V
Maximum DC Blocking Voltage
VDC
100
200
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 3 A
VF
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
ns
Typical Junction Capacitance ( Note 2 )
CJ
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
IFSM
200
A
IF(AV)
3.0
A
Features
Mechanical Data
High current capability
High surge current capability
High reliability
Low re
Low forward
Fast switching for high efficiency
Case : DO-201AD Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Weight : 1.16 grams
Mounting position : Any
Dim
Min
Max
A
25.40
—
B
8.50
9.53
C
0.96
1.06
D
4.80
5.21
All Dimensions in mm
A
A
B
C
D
FAST RECOVERY RECTIFIER DIODES
CURRENT: 3.0 A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
!
!
!
!
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
Method 208 guaranteed


Similar Part No. - 30DF1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30DF1 ETC2-30DF1 Datasheet
52Kb / 2P
FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
30DF1 NJSEMI-30DF1 Datasheet
61Kb / 1P
Ultra-Fast Recovery
30DF1 NJSEMI-30DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
List of Unclassifed Man...
30DF1Z ETC2-30DF1Z Datasheet
52Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - 30DF1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com