Electronic Components Datasheet Search
  English  ▼

X  

DSC1102 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1102
Description  Low-Jitter Precision LVPECL Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1102 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1102 Datasheet HTML 1Page - Micrel Semiconductor DSC1102 Datasheet HTML 2Page - Micrel Semiconductor DSC1102 Datasheet HTML 3Page - Micrel Semiconductor DSC1102 Datasheet HTML 4Page - Micrel Semiconductor DSC1102 Datasheet HTML 5Page - Micrel Semiconductor DSC1102 Datasheet HTML 6Page - Micrel Semiconductor DSC1102 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1102 | DSC1122
Page 1
MK-Q-B-P-D-110410-02-6
Low-Jitter Precision LVPECL Oscillator
DSC1102
DSC1122
General Description
The DSC1102 & DSC1122 series of high
performance oscillators utilizes a proven
silicon MEMS technology to provide excellent
jitter and stability over a wide range of
supply voltages and temperatures.
By
eliminating the need for quartz or SAW
technology, MEMS oscillators significantly
enhance reliability and accelerate product
development, while meeting stringent clock
performance
criteria
for
a
variety
of
communications, storage, and networking
applications.
DSC1102 has a standby feature allowing it to
completely power-down when EN pin is
pulled low; whereas for DSC1122, only the
outputs are disabled when EN is low. Both
oscillators are available in industry standard
packages, including the small 3.2x2.5 mm2,
and are “drop-in” replacements for standard
6-pin LVPECL quartz crystal oscillators.
Block Diagram
Output Enable Modes
EN Pin
DSC1102
DSC1122
High
Outputs Active
Outputs Active
NC
Outputs Active
Outputs Active
Low
Standby
Outputs Disabled
Features
 Low RMS Phase Jitter: <1 ps (typ)
 High Stability: ±10, ±25, ±50 ppm
 Wide Temperature Range
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 High Supply Noise Rejection: -50 dBc
 Short Lead Time: 2 Weeks
 Wide Freq. Range: 2.3 to 460 MHz
 Small Industry Standard Footprints
o
2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 High Reliability
o
20x better MTF than quartz oscillators
 Low Current Consumption
 Supply Range of 2.25 to 3.6 V
 Standby & Output Enable Function
 Lead Free & RoHS Compliant
 LVDS & HCSL Versions Available
Applications
 Storage Area Networks
o
SATA, SAS, Fibre Channel
 Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
 Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
 HD/SD/SDI Video & Surveillance
 PCI Express: Gen 1 & Gen 2
 DisplayPort


Similar Part No. - DSC1102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
DSC1102AE1-T MICROCHIP-DSC1102AE1-T Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
DSC1102AE2-T MICROCHIP-DSC1102AE2-T Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
DSC1102AE3-T MICROCHIP-DSC1102AE3-T Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
DSC1102AE5-T MICROCHIP-DSC1102AE5-T Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
More results

Similar Description - DSC1102

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
Low Jitter LVPECL Crystal Oscillator
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
Low Jitter Precision LVPECL Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
Low Jitter LVPECL Clock Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
Low Jitter LVPECL Crystal Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
Low-Jitter Configurable Dual LVPECL Oscillator
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
Low-Jitter Configurable LVPECL Oscillator
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
Programmable Low-Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com