Electronic Components Datasheet Search
  English  ▼

X  

CL525 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL525
Description  Linear, Fixed Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL525 Datasheet(HTML) 1 Page - Supertex, Inc

  CL525 Datasheet HTML 1Page - Supertex, Inc CL525 Datasheet HTML 2Page - Supertex, Inc CL525 Datasheet HTML 3Page - Supertex, Inc CL525 Datasheet HTML 4Page - Supertex, Inc CL525 Datasheet HTML 5Page - Supertex, Inc CL525 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
CL525
Doc.# DSFP-CL525
A052013
General Description
The CL525 is a fixed, linear current regulator designed for
driving LEDs at 25mA. With a maximum rating of 90V, it is able
to withstand transients without the need for additional transient
protection circuitry. It is ideally suited for applications employing
single or multiple LEDs.
The minimum dropout voltage of 1.0V accommodates extra
LEDs, permits lower supply voltages, and provides more
efficient operation.
The CL525 is offered in TO-252(D-PAK) and TO-92 packages.
Typical Application Circuit
Linear, Fixed Constant Current
LED Driver
Features
► 25mA ±10% constant current drive
► 1.0V dropout
► 90V rating for transient immunity
► Temperature compensated
► 4.75 - 90V supply range
Applications
► Specialty lighting
► Low voltage signage
Control
V
IN
4.75 – 90V
OUT
GND
VDD
100nF
20mA
20mA
CL525


Similar Part No. - CL525

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL520 SUTEX-CL520 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520K4-G SUTEX-CL520K4-G Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520N3-G SUTEX-CL520N3-G Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520N3-GP002 SUTEX-CL520N3-GP002 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520N3-GP003 SUTEX-CL520N3-GP003 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
More results

Similar Description - CL525

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL520 SUTEX-CL520 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com