Electronic Components Datasheet Search
  English  ▼

X  

CL325SG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL325SG-G
Description  3-Channel 25mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL325SG-G Datasheet(HTML) 2 Page - Supertex, Inc

  CL325SG-G Datasheet HTML 1Page - Supertex, Inc CL325SG-G Datasheet HTML 2Page - Supertex, Inc CL325SG-G Datasheet HTML 3Page - Supertex, Inc CL325SG-G Datasheet HTML 4Page - Supertex, Inc CL325SG-G Datasheet HTML 5Page - Supertex, Inc CL325SG-G Datasheet HTML 6Page - Supertex, Inc CL325SG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL325
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
EN1
GND
EN2
EN3
VIN
OUT3
OUT1
OUT2
Underside plate
is ground
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
IN
-0.5V to +100V
Output voltage, V
OUT
-0.5V to +100V
Enable voltage, V
EN
-0.5V to +6.5V
Operating temperature(1)
-40°C
Storage temperature
-65°C to +150°C
Thermal Characteristics
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Note:
Maximum junction temperature internally limited.
1.
Pin Configuration
8-Lead SOIC (w/Heat Slug) (SG)
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
CL325
L L L L
8-Lead SOIC (w/Heat Slug) (SG)
Sym
Parameter
Min
Typ
Max Units Conditions
V
IN
Supply voltage
6.5
-
90
V
---
V
OUT
Output voltage
4.0
-
15
V
EN = 0
90
V
EN = 1
f
EN
Enable toggling frequency
0
-
100
kHz
---
T
J
Junction temperature
-40
-
119
o
C
---
C
IN
V
IN capacitor
-
100
-
nF
---
Recommended Operating Conditions (all voltages with respect to GND pin)
Sym
Parameter
Min
Typ
Max Units Conditions
θ
JA
Thermal resistance,
junction to ambient
-
48
-
O
C/W Mounted on JEDEC test PCB (2s 2p)
T
LIM
Over-temperature limit
120
135
150
O
C
---
T
HYS
Over-temperature hysteresis
-
30
-
O
C
---
Ordering Information
Device
8-Lead SOIC (w/Heat Slug)
4.90x3.90mm body
1.70mm height (max)
1.27mm pitch
CL325
CL325SG-G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com