Electronic Components Datasheet Search
  English  ▼

X  

CL7 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL7
Description  Linear, 100mA, Constant Current LED Driver with Enable Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL7 Datasheet(HTML) 1 Page - Supertex, Inc

  CL7_14 Datasheet HTML 1Page - Supertex, Inc CL7_14 Datasheet HTML 2Page - Supertex, Inc CL7_14 Datasheet HTML 3Page - Supertex, Inc CL7_14 Datasheet HTML 4Page - Supertex, Inc CL7_14 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
CL7
Doc.# DSFP-CL7
A030314
Features
► 100mA ±5% constant current drive
► Built-in reverse polarity protection
► Logic level enable
► Dimmable via EN pin
► Overtemperature protection
► 90V max rating for transient immunity
Applications
► Flashlights
► Specialty lighting
► Low voltage signage
► Low voltage lighting
General Description
The CL7 is a linear fixed current regulator designed for
driving high brightness LEDs at 100mA from nominal 12V,
24V, and 48V power supplies. With a maximum rating of
90V, it is able to withstand transients without the need for
additional transient protection circuitry. The CL7 is offered
in the 8-Lead SOIC package.
An active low enable input (EN) allows logic level control
of the LED for on/off control or PWM dimming. The enable
input has 100kΩ pull-down resistance. For applications not
needing an enable input, refer to the CL6 data sheet.
Over temperature protection shuts off the LED current
when the die temperature rises above 135°C (nominal).
Full LED current resumes when the die temperature falls
below 105°C (nominal).
Typical Application Circuit
Linear, 100mA, Constant Current
LED Driver with Enable Input
VDD
OUT
GND
EN
V
IN
100mA
Host
Controller
100k
CL7
Control


Similar Part No. - CL7_14

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CL771-0006-1-00 HIROSE-CL771-0006-1-00 Datasheet
45Kb / 1P
Connector Retainer For GT21 Housing
10.02.09
CL771-0016-5-00 HIROSE-CL771-0016-5-00 Datasheet
44Kb / 1P
Connector Retainer For GT21 Housing
11.09.30
More results

Similar Description - CL7_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
CL7 SUTEX-CL7 Datasheet
484Kb / 4P
Linear, 100mA, Constant Current LED Driver with Enable
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
QX Micro Devices Co.,Lt...
QX7137 QXMD-QX7137 Datasheet
1Mb / 2P
Low-power LED constant current driver with enable control
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com