Electronic Components Datasheet Search
  English  ▼

X  

1N4933GL Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 1N4933GL
Description  GLASS PASSIVATED JUNCTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1N4933GL Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  1N4933GL Datasheet HTML 1Page - Diode Semiconductor Korea 1N4933GL Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.4
0.2
0.01
0.8
0.4
0.6
1.0 1.2
2.0
1.6 1.8
0.1
1.0
20
10
TJ=25
PULSE WIDTH=300 s
0
1
10
TJ=25
8.3ms Single Half
Sine-Wave
2
4
6
20
40
6
0
100
12
18
24
30
6
0.2
0.4
0.6
0.8
1.0
0
25
100
150
Single Phase
Half Wave 50HZ
Resistive or
Inductive Load
0
175
50
125
75
-1.0A
-0.25A
0
+0.5A
trr
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
FIG.3 --PEAKFORWARDSURGECURRENT
1N4933GL---1N4937GL
SETTIMEBASEFOR50/100ns /cm
LEADTEMPERATURE,
NUMBEROF CYCLES AT60 Hz
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M . 22PF
FIG.1 -- TEST CIRCUIT DIAGRAM ANDREVERSERECOVERYTIMECHARACTERISTIC
FIG.2 --FORWARDCURRENT DERATING CURVE
FORWARDVOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARDCHARACTERISTIC
FIG.4--TYPICAL JUNCTIONCAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=50
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
12
14
16
20
TJ=25
f=1MHz
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com