Electronic Components Datasheet Search
  English  ▼

X  

CL1 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL1
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL1 Datasheet(HTML) 1 Page - Supertex, Inc

  CL1_09 Datasheet HTML 1Page - Supertex, Inc CL1_09 Datasheet HTML 2Page - Supertex, Inc CL1_09 Datasheet HTML 3Page - Supertex, Inc CL1_09 Datasheet HTML 4Page - Supertex, Inc CL1_09 Datasheet HTML 5Page - Supertex, Inc CL1_09 Datasheet HTML 6Page - Supertex, Inc CL1_09 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
CL1
Features
5.0 to 90V operating range (V
A-B)
20mA ±5% at 45V (V
A-B)
-8.5µA/°C typical temperature coefficient
Available in TO-243AA (SOT-89), TO-252 (D-PAK),
& TO-92 packages
No external components (two terminal device)
Can be paralleled for higher current
Applications
LED driver
Industrial lamp indicators
Signage
Accent lighting
Automotive
Constant current source
Constant current sink
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex CL1 is a high voltage, temperature compensated,
constant current source. The device is trimmed to provide a
constant current of 20mA±5% at an input voltage of 45V. No
external components are required. The device can be used
as a two terminal constant current source or constant current
sink.
Atypical application for the CL1 is to drive LEDs with a constant
current of 20mA. Multiple CL1s can also be used in parallel to
provide higher currents such as 40mA, 60mA or 80mA. The
device is available in TO-243AA (SOT-89), TO-252 (D-PAK),
and TO-92 packages.
Typical Application Circuit
Simple, 90V, 20mA, Temperature Compensated,
Constant Current, LED Driver IC
I
LED
20mA
VA
VB
CL1
Up to 90V
+VLED(total)
+
VLED(total)
-
VA
Control Circuit
and Temperature
Compensation
VB
Functional Circuit Diagram


Similar Part No. - CL1_09

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL1409 CLIFF-CL1409 Datasheet
328Kb / 2P
JACK SOCKET NUTS AND BEZELS
logo
Welwyn Components Limit...
CL1609-10RFI WELWYN-CL1609-10RFI Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
CL1609-10RGI WELWYN-CL1609-10RGI Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
CL1609-10RJI WELWYN-CL1609-10RJI Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
CL1609-10RKI WELWYN-CL1609-10RKI Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
More results

Similar Description - CL1_09

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com