Electronic Components Datasheet Search
  English  ▼

X  

DSC1001AC5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1001AC5
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AC5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1001AC5 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AC5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
MK-Q-B-P-D-050610-01-9
General Description
The DSC1001 is a silicon MEMS based CMOS
oscillator offering excellent jitter and stability
performance over a wide range of supply
voltages
and
temperatures.
The
device
operates from 1 to 150MHz with supply voltages
between 1.8 to 3.3 Volts and temperature
ranges up to -40ºC to 105ºC.
The
DSC1001
incorporates
an
all
silicon
resonator that is extremely robust and nearly
immune to stress related fractures, common to
crystal based oscillators. Without sacrificing the
performance and stability required of today’s
systems, a crystal-less design allows for a
higher level of reliability, making the DSC1001
ideal for rugged, industrial, and portable
applications where stress, shock, and vibration
can damage quartz crystal based systems.
Available in industry standard packages, the
DSC1001 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
Block Diagram
Standby#
PFD
VCO
Frac-N
PLL
Resonator
Output
V
DD
GND
(pin1)
Standby#
PFD
VCO
Frac-N
PFD
VCO
Frac-N
PLL
Resonator
Output
V
DD
GND
(pin1)
Features
Frequency Range: 1 to 150MHz
Exceptional Stability over Temperature
o
±10 PPM, ±25 PPM, ±50 PPM
Operating voltage
o
1.7 to 3.6V
Operating Temperature Range
o
Ext. Industrial -40ºC to 105ºC
o
Industrial -40ºC to 85ºC
o
Ext. Commercial -20ºC to 70ºC
o
Commercial 0ºC to 70ºC
Low Operating and Standby Current
o
5mA Operating (40MHz)
o
15uA Standby
Ultra Miniature Footprint
o
2.5 x 2.0 x 0.85 mm
o
3.2 x 2.5 x 0.85 mm
o
5.0 x 3.2 x 0.85 mm
o
7.0 x 5.0 x 0.85 mm
MIL-STD 883 Shock and Vibration
Resistant
Pb Free, RoHS, Reach SVHC Compliant
AEC-Q100 Reliability Qualified
Benefits
Pin for pin “drop in” replacement for
industry standard oscillators
Semiconductor level reliability,
significantly higher than quartz
Short mass production lead-times
Longer Battery Life / Reduced Power
Compact Plastic package
Cost Effective
Applications
Mobile Applications
Consumer Electronics
Portable Electronics
DVR, CCTV, Surveillance Cameras
Low Profile Applications
Industrial Applications


Similar Part No. - DSC1001AC5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001AE1-010.0000 MICROCHIP-DSC1001AE1-010.0000 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-010.0000T MICROCHIP-DSC1001AE1-010.0000T Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-030.0000 MICROCHIP-DSC1001AE1-030.0000 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-030.0000T MICROCHIP-DSC1001AE1-030.0000T Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
DSC1001AE1-075.0000 MICROCHIP-DSC1001AE1-075.0000 Datasheet
2Mb / 31P
1.8V-3.3V Low-Power Precision CMOS Oscillators
June 2025 Revision D
More results

Similar Description - DSC1001AC5

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
Programmable Low-Power Precision CMOS Oscillator
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
Programmable Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com