Electronic Components Datasheet Search
  English  ▼

X  

EGP30D Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # EGP30D
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EGP30D Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  EGP30D Datasheet HTML 1Page - Diode Semiconductor Korea EGP30D Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
SET TIME BASE FOR 20/30 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
EGP30A(Z)---EGP30K(Z)
TJ=25
Pulse Width=300
µS
0.2
0
0.1
1
10
100
1.4
0.8
0.4 0.6
1
1.2
EGP30A-EGP30D
2
1.6
1.8
EGP30F-EGP30G
0
0.1
1
10
100
EGP30A-EGP30D
EGP30F&EGP30K
1000
     TJ=25
25
50
75
100
125
150
175
4
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1 .0 A
-0 .2 5 A
0
+0.5A
t rr
1c m
EGP30J-EGP30K
0
1.0
2.0
3.0
0
25
50
75
100
125
150
Single Phase
Half W ave 60Hz
Resistive or
Inductive Load
0
1
10
100
TJ=125 .
3ms Single Half
Sine-Wave
25
50
75
100
125
150
175
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com