Electronic Components Datasheet Search
  English  ▼

X  

WM8746 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
WM8746
Advance Information
PP Rev 1.4 November 2001
16
MUTE PIN
DESCRIPTION
0
Normal Operation
1
Mute all DAC channels
Floating
Enable IZD, Mute becomes an output to indicate when IZD occurs.
A diagram showing how the various Mute modes interact is shown below in Figure 11.
IZD (Register Bit)
AUTOMUTED (Internal
Signal)
10k
Ω
Ω
Ω
Ω
MUTE (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 11 Selection Logic for MUTE Modes
The MUTE pin behaves as a bi-directional function, that is, as an input to select MUTE or NOT-
MUTE, or as an output indication of automute operation. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE
low again allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being
applied to all 6 channels. After such an event, a latch is set whose output (AUTOMUTED) is wire
OR’ed through a 10kohm resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the
automute function will assert MUTE.
If MUTE is tied low, AUTOMUTED is overridden and will not mute. If MUTE is driven from a source
follower, or diode, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive external
mute circuits. The automute signal is AND’ed with IZD, this qualified mute signal then being OR’ed
into the SOFTMUTE control. Therefore, in software mode, automute operation may be controlled with
the IZD control bit.
DE-EMPHASIS MODE
Setting the DEEMPH register bit puts all the digital filters into de-emphasis mode:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
1
DEEMPH
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 18 - Figure 23 for details of the De-Emphasis filtering effects at different sample
rates.
In hardware mode (MODE=1) driving the MD/DM pin high has the same effect as setting the
DEEMPH bit:
MODE PIN
MD/DM PIN
DESCRIPTION
0
ignored
De-Emphasis controlled from DEEMPH register bit
10
Normal Mode
11
De-Emphasis Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com