Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2983
Description  Micropower 150-mA Voltage Regulator in SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2983 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments LP2983 Datasheet HTML 10Page - Texas Instruments LP2983 Datasheet HTML 11Page - Texas Instruments LP2983 Datasheet HTML 12Page - Texas Instruments LP2983 Datasheet HTML 13Page - Texas Instruments LP2983 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
LP2983
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP2983 is a voltage regulator with optimized vertically integrated PNP designed for use with very low ESR
output capacitors, excellent for low noise applications that require a clean voltage supply. The LP2983 has a
wide input voltage range (16 V maximum), high accuracy (A grade 1%), and a fixed output voltage supply
capable of delivering 150 mA. In addition the LP2983 device provides the following features:
•
High accuracy output voltage
•
Low ground current, typically 825
μA at 150-mA load and 75 μA at 1-mA load
•
A sleep mode feature is available, allowing the regulator to consume only 1 µA (typical) when the ON/OFF pin
is pulled low.
•
Overtemperature protection and overcurrent protection circuitry designed to safeguard the device during
unexpected conditions.
•
Thermal protection
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 High-Accuracy Output Voltage
With special careful design to minimize all contributions to the output voltage error, the LP2983 distinguishes
itself as a very high-accuracy output voltage micropower LDO. This includes a tight initial tolerance (typically
1.5% at 50 mA, 25°C junction temperature; also available in A grade with an accuracy of 1% under the same
conditions), extremely good line regulation (0.01%/V typical), and a very low output-voltage temperature
coefficient, making the part an ideal low-power voltage reference.
7.3.2 Low Ground Current
The LP2983 device uses a vertical PNP process which allows for quiescent currents that are considerably lower
than those associated with traditional lateral PNP regulators, typically 825
μA at 150-mA load and 75 μA at 1-mA
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com