Electronic Components Datasheet Search
  English  ▼

X  

WM8761ED Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8761ED
Description  24BIT 192KHZ STEREO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761ED Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8761ED Datasheet HTML 1Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 2Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 3Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 4Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 5Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 6Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 7Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 8Page - Wolfson Microelectronics plc WM8761ED Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
w
WM8761
24-bit 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, May 2004, Rev 4.0
Copyright
2004 Wolfson Microelectronics plc.
DESCRIPTION
The WM8761 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8761 supports data input word
lengths from 16 to 24-bits and sampling rates up to 192kHz.
The WM8761 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a 14-pin SOIC package.
The WM8761 has a hardware control interface for selection
of audio data interface format, mute and de-emphasis. The
WM8761 supports I
2S, right justified or DSP interfaces.
The WM8761 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players, including supporting
the implementation of 2 channels at 192kHz for high-end
DVD-Audio applications.
FEATURES
•
Stereo DAC
•
Audio Performance
-
100dB SNR (‘A’ weighted @ 48kHz)
-
-90dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
-
16 to 24-bit I
2S, 24-bit Right Justified or DSP
•
2.7V - 5.5V Supply Operation
•
14-pin SOIC Package
•
Pin Compatible with WM8725
APPLICATIONS
•
DVD Players
•
Home Theatre Systems
•
Digital TV
•
Digital Set Top Boxes
BLOCK DIAGRAM
BCKIN
AUDIO
INTERFACE
MUTE
CONTROL
INTERFACE
VOUTL
VOUTR
SIGMA
DELTA
MODULATOR
LRCIN
DIN
MUTE
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
LOW
PASS
FILTER
LOW
PASS
FILTER
CAP
DAC
DAC
W
WM8761


Similar Part No. - WM8761ED

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8761CGED WOLFSON-WM8761CGED Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8761CGED/R WOLFSON-WM8761CGED/R Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results

Similar Description - WM8761ED

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
192kHz sampling 24Bit DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
192kHz sampling 24Bit ?誇 DAC.
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
192kHz sampling 24Bit ?誇 DAC
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
192kHz sampling 24Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com