Electronic Components Datasheet Search
  English  ▼

X  

LP2997MR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2997MR
Description  DDR-II Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2997MR Datasheet(HTML) 1 Page - Texas Instruments

  LP2997MR Datasheet HTML 1Page - Texas Instruments LP2997MR Datasheet HTML 2Page - Texas Instruments LP2997MR Datasheet HTML 3Page - Texas Instruments LP2997MR Datasheet HTML 4Page - Texas Instruments LP2997MR Datasheet HTML 5Page - Texas Instruments LP2997MR Datasheet HTML 6Page - Texas Instruments LP2997MR Datasheet HTML 7Page - Texas Instruments LP2997MR Datasheet HTML 8Page - Texas Instruments LP2997MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
V
TT
LP2997
PV
IN
V
DDQ
V
REF
AV
IN
V
REF = 0.9V
V
SENSE
GND
+
+
+
AV
IN = 2.5V
V
TT= 0.9V
SD
SD
V
DDQ = 1.8V
C
IN
C
OUT
C
REF
LP2997
www.ti.com
SNVS295F – MAY 2004 – REVISED APRIL 2013
LP2997 DDR-II Termination Regulator
Check for Samples: LP2997
1
FEATURES
DESCRIPTION
The LP2997 linear regulator is designed to meet the
2
•
Source and Sink Current
JEDEC SSTL-18 specifications for termination of
•
Low Output Voltage Offset
DDR-II memory. The device contains a high-speed
•
No External Resistors Required
operational amplifier to provide excellent response to
load transients. The output stage prevents shoot
•
Linear Topology
through while delivering 500mA continuous current
•
Suspend to Ram (STR) Functionality
and transient peaks up to 900mA in the application as
•
Low External Component Count
required for DDR-II SDRAM termination. The LP2997
also incorporates a VSENSE pin to provide superior
•
Thermal Shutdown
load regulation and a VREF output as a reference for
•
Available in SOIC-8, SO PowerPAD-8 Packages
the chipset and DIMMs.
An additional feature found on the LP2997 is an
APPLICATIONS
active low shutdown (SD) pin that provides Suspend
•
DDR-II Termination Voltage
To RAM (STR) functionality. When SD is pulled low
•
SSTL-18 Termination
the
VTT output will tri-state providing a high
impedance output, but, VREF will remain active. A
power savings advantage can be obtained in this
mode through lower quiescent current.
Typical Application Circuit
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2997MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997MR NSC-LP2997MR Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
Texas Instruments
LP2997MR/NOPB TI2-LP2997MR/NOPB Datasheet
1Mb / 28P
LP2997 DDR-II Termination Regulator
REVISED APRIL 2013
LP2997MR/NOPB.A TI2-LP2997MR/NOPB.A Datasheet
1Mb / 28P
LP2997 DDR-II Termination Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LP2997MRX NSC-LP2997MRX Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
Texas Instruments
LP2997MRX/NOPB TI2-LP2997MRX/NOPB Datasheet
1Mb / 28P
LP2997 DDR-II Termination Regulator
REVISED APRIL 2013
More results

Similar Description - LP2997MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com