Electronic Components Datasheet Search
  English  ▼

X  

LP3892 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3892
Description  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3892 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3892 Datasheet HTML 10Page - Texas Instruments LP3892 Datasheet HTML 11Page - Texas Instruments LP3892 Datasheet HTML 12Page - Texas Instruments LP3892 Datasheet HTML 13Page - Texas Instruments LP3892 Datasheet HTML 14Page - Texas Instruments LP3892 Datasheet HTML 15Page - Texas Instruments LP3892 Datasheet HTML 16Page - Texas Instruments LP3892 Datasheet HTML 17Page - Texas Instruments LP3892 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3892EMRX-1.2/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP3892EMRX-1.5/NOPB
SO
Power
PAD
DDA
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP3892ESX-1.2/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3892ESX-1.5/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com