Electronic Components Datasheet Search
  English  ▼

X  

LP3918 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3918
Description  Battery Charge Management and Regulator Unit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3918 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 4Page - Texas Instruments LP3918 Datasheet HTML 5Page - Texas Instruments LP3918 Datasheet HTML 6Page - Texas Instruments LP3918 Datasheet HTML 7Page - Texas Instruments LP3918 Datasheet HTML 8Page - Texas Instruments LP3918 Datasheet HTML 9Page - Texas Instruments LP3918 Datasheet HTML 10Page - Texas Instruments LP3918 Datasheet HTML 11Page - Texas Instruments LP3918 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
LDO1 (CORE) Electrical Characteristics
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. VOUT1 set to 3.0V output.
Note VINMIN is the greater of 3.0V or VOUT1+ 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT1
Output Voltage Accuracy
IOUT1 = 1mA, VOUT1= 3.0V
−2
+2
%
−3
+3
Output Voltage
Default
1.8
V
IOUT1
Output Current
VINMIN ≤ VIN ≤ 5.5V
300
mA
Output Current Limit
VOUT1 = 0V
600
VDO1
Dropout Voltage
IOUT1 = 300mA,
(2)
200
280
mV
ΔVOUT1
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
IOUT1 = 1mA
Load Regulation
1mA
≤ IOUT1 ≤ 300mA
20
mV
en1
Output Noise Voltage
10Hz
≤ f≤ 100KHz,
45
µVRMS
COUT = 1µF
(3)
PSRR
Power Supply Rejection
F = 10kHz, COUT = 1µF
65
dB
Ratio
IOUT1 = 20mA
(3)
tSTART-UP
Start-Up Time from Shut-
COUT = 1µF, IOUT1 = 300mA
60
170
µs
down
(3)
TTransient
Start-Up Transient
COUT = 1µF, IOUT1 = 300mA
60
120
mV
Overshoot
(3)
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
(3)
Specified by design. Not production tested.
LDO2 (DIGI) Electrical Characteristics
Unless otherwise noted, VIN ( = VIN1 = VIN2 = BATT) = 3.6V, GND = 0V, CVIN1-2=10µF, CLDOX=1µF. Note VINMIN is the greater
of 3.0V or VOUT2+ 0.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, Ta = TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Condition
Typ
Units
Min
Max
VOUT2
Output Voltage Accuracy
IOUT2 = 1mA, VOUT2= 3.0V
−2
+2
%
−3
+3
Output Voltage
Default
3.0
V
IOUT2
Output Current
VINMIN ≤ VIN ≤ 5.5V
300
mA
Output Current Limit
VOUT2 = 0V
600
VDO2
Dropout Voltage
IOUT2 = 300mA
(2)
200
280
mV
ΔVOUT2
Line Regulation
VINMIN ≤ VIN ≤ 5.5V
2
mV
IOUT2 = 1mA
Load Regulation
1mA
≤ IOUT2 ≤ 300mA
20
mV
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification
does not apply in cases it implies operation with an input voltage below the 3.0V minimum appearing under Operating Ratings. For
example, this specification does not apply for devices having 1.5V outputs because the specification would imply operation with an input
voltage at or about 1.5V.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com