Electronic Components Datasheet Search
  English  ▼

X  

LP38842 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP38842
Description  Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38842 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38842 Datasheet HTML 4Page - Texas Instruments LP38842 Datasheet HTML 5Page - Texas Instruments LP38842 Datasheet HTML 6Page - Texas Instruments LP38842 Datasheet HTML 7Page - Texas Instruments LP38842 Datasheet HTML 8Page - Texas Instruments LP38842 Datasheet HTML 9Page - Texas Instruments LP38842 Datasheet HTML 10Page - Texas Instruments LP38842 Datasheet HTML 11Page - Texas Instruments LP38842 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LP38842
SNVS291C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax− TAmax
(2)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = TRmax / PD
(3)
These parts are available in TO-220 and DDPAK/TO-263 packages. The thermal resistance depends on amount
of copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥ 60 °C/W
for TO-220 package and
≥ 60 °C/W for DDPAK/TO-263 package no heatsink is needed since the package can
dissipate enough heat to satisfy these requirements. If the value for allowable
θJA falls below these limits, a heat
sink is required.
HEATSINKING TO-220 PACKAGE
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for
DDPAK/TO-263 package.
The heatsink to be used in the application should have a heatsink to ambient thermal resistance,
θHA≤ θJA − θCH − θJC.
(4)
In this equation,
θCH is the thermal resistance from the case to the surface of the heat sink and θJC is the thermal
resistance from the junction to the surface of the case.
θJC is about 3°C/W for a TO-220 package. The value for
θCH depends on method of attachment, insulator, etc. θCH varies between 1.5°C/W to 2.5°C/W. If the exact value
is unknown, 2°C/W can be assumed.
HEATSINKING DDPAK/TO-263 PACKAGE
The DDPAK/TO-263 package uses the copper plane on the PCB as a heatsink. The tab of this package is
soldered to the copper plane for heat sinking. The graph below shows a curve for the
θJA of DDPAK/TO-263
package for different copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the
copper area for heat sinking.
Figure 12.
θJA vs Copper (1 Ounce) Area for DDPAK/TO-263 package
As shown in the graph below, increasing the copper area beyond 1 square inch produces very little improvement.
The minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 13 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP38842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com