Electronic Components Datasheet Search
  English  ▼

X  

EM01Z Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # EM01Z
Description  PLASTIC SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EM01Z Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  EM01Z Datasheet HTML 1Page - SUNMATE electronic Co., LTD EM01Z Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLASTIC SILICON RECTIFIER DIODES
EM01Z - EM01A
CURRENT: 1.0 A
VOLTAGE RANGE: 200 - 600V
Maximum recurrent peak reverse voltage
VRRM
400
600
V
Maximum RMS voltage
VRMS
280
420
V
Maximum DC blocking voltage
VDC
400
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
200
140
200
A
IFSM
2. Thermal resistance f rom junction to ambient.
A
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
-55----+150
-55----+150
15
50
IR
45.0
5.0
50.0
0.97
1.0
A
IF(AV)
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
Easily cleaned with Freon,Alcohol,Isopropanol
The plastic material carries U/L recognition 94V-0
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: DO-41Molded Plastic
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
Marking: Type Number
Mechanical Data
Characteristic
Symbol
Unit
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
EM01Z
EM01
EM01A


Similar Part No. - EM01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
Rectifier Diodes
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM01Z BILIN-EM01Z Datasheet
58Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM01Z LUGUANG-EM01Z Datasheet
168Kb / 2P
Plastic Silicon Rectifiers
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
196Kb / 4P
Silicon Diode
More results

Similar Description - EM01Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
SILICON RECTIFIER DIODES
logo
Thinki Semiconductor Co...
10A05 THINKISEMI-10A05 Datasheet
697Kb / 2P
10.0 Ampere Plastic Silicon General Purpose Rectifier Diodes
logo
SUNMATE electronic Co.,...
1S1885 SUNMATE-1S1885 Datasheet
313Kb / 2P
PLASTIC SILICON RECTIFIER DIODES
ERA15-01 SUNMATE-ERA15-01 Datasheet
277Kb / 2P
PLASTIC SILICON RECTIFIER DIODES
UG1A SUNMATE-UG1A Datasheet
328Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG2A SUNMATE-UG2A Datasheet
321Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG3A SUNMATE-UG3A Datasheet
560Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
UG4A SUNMATE-UG4A Datasheet
323Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com