Electronic Components Datasheet Search
  English  ▼

X  

CS5516 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 11Page - Cirrus Logic CS5516 Datasheet HTML 12Page - Cirrus Logic CS5516 Datasheet HTML 13Page - Cirrus Logic CS5516 Datasheet HTML 14Page - Cirrus Logic CS5516 Datasheet HTML 15Page - Cirrus Logic CS5516 Datasheet HTML 16Page - Cirrus Logic CS5516 Datasheet HTML 17Page - Cirrus Logic CS5516 Datasheet HTML 18Page - Cirrus Logic CS5516 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
which calibration is initiated is common to each
of the calibration registers.
The configuration
register controls the execution of the calibration
process.
Bits CC3--CC0 in the configuration
register determine which type of calibration will
be performed and which of the five calibration
registers will be affected. On the falling edge of
the 24th SCLK, the configuration word will be
latched into the configuration register and the se-
lected calibration will be executed.
The time
required to perform a calibration is listed in Ta-
ble 3.
The DRDY pin will remain a logic 1
during calibration, and will go low when the
calibration step is completed.
The serial port should not be accessed while a
calibration is in progress.
The EC bit of the
configuration register remains a logic 1 until it is
overwritten by a new configuration word (EC =
0). Consequently, if EC is left active, any write
(the falling edge of the 24th SCLK) to any regis-
ter inside the converter will cause a re-execution
of the calibration sequence. This occurs because
the internal microcontroller executes the contents
of the configuration register every time the 24th
SCLK falls after writing a 24-bit word to any
internal register. To be certain that calibrations
will not be re-executed each time a new word is
written or read via the serial port, the EC bit of
the configuration register must be written back
to a logic 0 after the final calibration step has
been completed.
The CC3--CC0 bits of the configuration register
determine the type of calibration to be per-
formed. The calibration steps should be per-
formed in the following sequence. If the user
determines that non-ratiometric offset
calibra-
tion is important, the non-ratiometric offset
errors of the VREF and AIN input channels
should be calibrated first. Then the ratiometric
offset of the AIN channel should be calibrated.
And finally, the AIN channel gain should be
calibrated.
Non-ratiometric Errors
T o
c alibra te out the VREF and AIN
non-ratiometric errors, the input channels to the
VREF path into the converter and the AIN path
into the converter must be grounded (this may
occur at the pins of the IC, or at the bridge exci-
tation as shown in Figure 3.).
Then the EC,
CC2 and CC3 bits of the configuration register
must be set to logic 1. The converter will then
perform a non-ratiometric calibration and place
Configuration Register
CAL Type
Calibration Time
EC
CC3
CC2
CC1
CC0
11000
VREF Non-ratiometric Offset
573,440/fclk
10100
AIN Non-ratiometric Offset
573,440/fclk
10010
AIN Ratiometric Offset
2,211,840/fclk
10001
AIN System Gain
573,440/fclk
11100
VREF & AIN Non-ratiometric Offset
573,440/fclk
0
XXXX
End Calibration
-
DRDY remains high through calibration sequence. In all modes, DRDY falls immediately upon completion of the calibration
sequence.
Table 3. CS5516/CS5520 Calibration Control
VREF+
VREF-
AIN+
AIN-
BX1
BX2
1A*
1B*
CS5516
CS5520
*Note: The bridge can be grounded with a
relay or with jumpers to perform
non-ratiometric calibration.
-
+
Figure 3. Non-ratiometric System Calibration using
Internal Excitation
CS5516, CS5520
DS74F1
15
DS74F2
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com