Electronic Components Datasheet Search
  English  ▼

X  

GS1JF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GS1JF
Description  SURFACE MOUNT RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GS1JF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GS1JF Datasheet HTML 1Page - SUNMATE electronic Co., LTD GS1JF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1AF - GS1MF
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
! Glass Passivated Die Construction
!
! Low Forward Voltage Drop
!
!
! Plastic Case Material has UL Flammability
                            
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current @TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Classification Rating 94V-O
Built-in Strain Relief
Low Power Loss
Ideally Suited for Automatic Assembly
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SURFACE MOUNT RECTIFIER DIODES
1 of 2
www.sunmate.tw
Characteristic
Symbol
GS1AF GS1BF
GS1DF
GS1GF
GS1JF GS1KF GS1MF
Unit
Case: SMAF,Molded Plastic
!
!
!
!
!
Mechanical Data
!
! Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
!
!
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75
4.85 4.80
SMAF
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm


Similar Part No. - GS1JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1JF PANJIT-GS1JF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Microdiode Semiconducto...
GS1JF CHENDA-GS1JF Datasheet
627Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
GS1JF ZSELEC-GS1JF Datasheet
149Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1JF-AU PANJIT-GS1JF-AU Datasheet
146Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
GS1JFL MCC-GS1JFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS1JF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S3AC SUNMATE-S3AC Datasheet
310Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07A SUNMATE-S07A Datasheet
326Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S10A SUNMATE-S10A Datasheet
417Kb / 3P
SURFACE MOUNT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com