Electronic Components Datasheet Search
  English  ▼

X  

DN2470 Datasheet(PDF) 4 Page - Microchip Technology

Part # DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Datasheet(HTML) 4 Page - Microchip Technology

  DN2470 Datasheet HTML 1Page - Microchip Technology DN2470 Datasheet HTML 2Page - Microchip Technology DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DN2470
DS20005410A-page 4
 2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The locations of the pins are listed in Package Type.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C
Parameter
Symbol
Min
Typ
Max
Units Conditions
Temperature Ranges
Operating and Storage temperature
-55
–
150
°C
Package Thermal Resistances
Thermal Resistance, TO-252 (D-PAK)
θja
–
132
–
°C/W
TABLE 1-1:
THERMAL CHARACTERISTICS
Package
ID1
continuous
(mA)
1.
ID continuous is limited by max rated Tj
ID
pulsed
(mA)
Power
Dissipation
@TA = 25°C (W)
IDR1
(mA)
IDRM
(mA)
TO-252 (D-PAK)
170
500
2.52
2.
Mounted on FR4 board, 25mm x 25mm x 1.57 mm
170
500
TABLE 2-1:
PIN DESCRIPTION
Pin # TO-252
Function
1GATE
3
SOURCE
2,4
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com