Electronic Components Datasheet Search
  English  ▼

X  

LMV710 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV710
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV710 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV710 Datasheet HTML 3Page - Texas Instruments LMV710 Datasheet HTML 4Page - Texas Instruments LMV710 Datasheet HTML 5Page - Texas Instruments LMV710 Datasheet HTML 6Page - Texas Instruments LMV710 Datasheet HTML 7Page - Texas Instruments LMV710 Datasheet HTML 8Page - Texas Instruments LMV710 Datasheet HTML 9Page - Texas Instruments LMV710 Datasheet HTML 10Page - Texas Instruments LMV710 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
Electrical Characteristics (continued)
V
CC+ = 5 V, VCC– = GND, VIC = 2.5 V, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
2.4
V(ON)
2 to 5
to 5
SHDN
Shutdown pin voltage range
25
°C
V
0
V(OFF)
0 to 1.5
to 0.8
Vn
Input referred voltage noise
f = 1 kHz
25
°C
20
nV/
√Hz
7
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com