Electronic Components Datasheet Search
  English  ▼

X  

LMV710M5 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV710M5
Description  Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV710M5 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV710M5 Datasheet HTML 17Page - Texas Instruments LMV710M5 Datasheet HTML 18Page - Texas Instruments LMV710M5 Datasheet HTML 19Page - Texas Instruments LMV710M5 Datasheet HTML 20Page - Texas Instruments LMV710M5 Datasheet HTML 21Page - Texas Instruments LMV710M5 Datasheet HTML 22Page - Texas Instruments LMV710M5 Datasheet HTML 23Page - Texas Instruments LMV710M5 Datasheet HTML 24Page - Texas Instruments LMV710M5 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RF Signal
IN OUT
U1
GSM PA
VPC
Directional Coupler
C2
U2
Input
Coupled
Load
Output
C4
BIAS
VCC
GSM
ANTENNA
R5
RLOAD
R2
R3
C5
+
±
OUT
C3
R1
VCC
U3
V-
R4
SD
Shut Down
Ramp
Up/Down
V+
Schottky Diode
Detector
Copyright © 2016, Texas Instruments Incorporated
21
LMV710-N, LMV711-N, LMV715-N
www.ti.com
SNOS519K – APRIL 2000 – REVISED AUGUST 2016
Product Folder Links: LMV710-N LMV715-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.2 Detailed Design Procedure
An AC voltage source applied to VIN charges capacitor C1 to the peak of the input. Diode D1 conducts positive
half cycles, charging C1 to the waveform peak. Including D1 inside the feedback loop of the amplifier removes
the voltage drop of D1 and allows an accurate peak detection of VIN on C1. When the input waveform falls below
the DC peak stored on C1, D1 is reverse biased. The low input bias current of A1 and the reverse biasing of D1
limits current leakage from C1. As a result, C1 retains the peak value even as the waveform drops to zero. A2
further isolates the peak value on C1 while completing the peak detector circuit by operating as a voltage
follower and reporting the peak voltage of C1 at its output.
R5 and C1 are properly selected so that the capacitor is charged rapidly to VIN. During the holding period, the
capacitor slowly discharge through C1, through leakage of the capacitor and the reverse-biased diode, or op amp
bias currents. In any cases the discharging time constant is much larger than the charge time constant. And the
capacitor can hold its voltage long enough to minimize the output ripple.
Resistors R2 and R3 limit the current into the inverting input of A1 and the noninverting input of A2 when power
is disconnected from the circuit. The discharging current from C1 during power off may damage the input circuitry
of the op amps.
The peak detector is reset by applying a positive pulse to the reset transistor. The charge on the capacitor is
dumped into ground, and the detector is ready for another cycle.
The maximum input voltage to this detector must be less than (V+ – VD), where VD is the forward voltage drop of
the diode. Otherwise, the input voltage must be scaled down before applying to the circuit.
8.2.3 GSM Power Amplifier Control Loop
Figure 44. GSM P.A. Control Loop
8.2.3.1 Design Requirements
The control loop in Figure 44 controls the output power level of a GSM mobile phones. The control loop is used
to avoid intermodulation of Base Station receivers, to prevent intermodulation with other mobile phones, and to
minimize power consumption depending on the distance between mobile and base station



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com