Electronic Components Datasheet Search
  English  ▼

X  

LOG100JP Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG100JP
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG100JP Datasheet(HTML) 5 Page - Texas Instruments

  LOG100JP Datasheet HTML 1Page - Texas Instruments LOG100JP Datasheet HTML 2Page - Texas Instruments LOG100JP Datasheet HTML 3Page - Texas Instruments LOG100JP Datasheet HTML 4Page - Texas Instruments LOG100JP Datasheet HTML 5Page - Texas Instruments LOG100JP Datasheet HTML 6Page - Texas Instruments LOG100JP Datasheet HTML 7Page - Texas Instruments LOG100JP Datasheet HTML 8Page - Texas Instruments LOG100JP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
®
LOG100
5
THEORY OF OPERATION
The base-emitter voltage of a bipolar transistor is
V
BE = VT
n
where: V
T =
(1)
K = Boltzman’s constant = 1.381 x 10–23
T = Absolute temperature in degrees Kelvin
q = Electron charge = 1.602 x 10–19 Coulombs
I
C = Collector current
I
S = Reverse saturation current
From the circuit in Figure 1, we see that
V
OUT' = VBE1 – VBE2
(2)
Substituting (1) into (2) yields
V
OUT' = VT1
n
– V
T2
n
(3)
If the transistors are matched and isothermal and V
T1 = VT2,
then (3) becomes:
V
OUT' = VT [
n
–
n
]
(4)
V
OUT' = VT
n
and since
(5)
n x = 2.3 log
10 x
(6)
V
OUT' = n VT log
(7)
where n = 2.3
(8)
also
V
OUT = VOUT'
(9)
=
n V
T log
(10)
or
V
OUT = K log
(11)
FIGURE 1. Simplified Model of Log Amplifier.
I
2
I
1
R
1 + R2
R
1
R
1 + R2
R
1
I
2
I
1
FIGURE 2. Transfer Function with Varying K and I
1.
FIGURE 3. Transfer Function with Varying I
2 and I1.
KT
q
A
2
A
1
I
1
Q
1
Q
2
V
OUT = K LOG
I
1
I
2
I
2
I
1
I
2
++
––
R
2
V
OUT
V
OUT
R
1
V
BE1
V
BE2
It should be noted that the temperature dependance associ-
ated with V
T
= KT/q is compensated by making R
1
a
temperature sensitive resistor with the required positive
temperature coefficient.
DEFINITION OF TERMS
TRANSFER FUNCTION
The ideal transfer function is V
OUT = K log
where:
K = the scale factor with units of volts/decade
I
1 = numerator input current
I
2 = denominator input current.
ACCURACY
Accuracy considerations for a log ratio amplifier are some-
what more complicated than for other amplifiers. The reason
is that the transfer function is nonlinear and has two inputs,
each of which can vary over a wide dynamic range. The
accuracy for any combination of inputs is determined from
the total error specification.
I
2
I
1
10
8
6
4
2
0
–2
–4
–6
–8
–10
1µA
10µA
100µA
1mA
100nA
10nA
1nA
V
OUT = K LOG
I
1
I
2
I
2 = 1µA
Fixed value of I
2.
K = 5
K = 3
K = 1
I
1
10
8
6
4
2
0
–2
–4
–6
–8
–10
1µA
10µA 100µA
1mA
100nA
10nA
1nA
V
OUT = K LOG
I
1
I
2
K = 3
Fixed value of K.
I
2 = 10nA
I
2 = 1µA
I
2 = 100µA
I
1
l
I
2
I
1
l
I
S
I
C
l
I
S1
I
1
l
I
S2
I
1
l
l
I
S
I
1
I
S
I
2
l
I
2
I
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com